Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10M02DAY256C6G Datasheet(PDF) 4 Page - Intel Corporation

Part # 10M02DAY256C6G
Description  Intel® MAX® 10 FPGA Device Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

10M02DAY256C6G Datasheet(HTML) 4 Page - Intel Corporation

  10M02DAY256C6G Datasheet HTML 1Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 2Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 3Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 4Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 5Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 6Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 7Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 8Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Summary of Intel MAX 10 Device Features
Table 2.
Summary of Features for Intel MAX 10 Devices
Feature
Description
Technology
55 nm TSMC Embedded Flash (Flash + SRAM) process technology
Packaging
• Low cost, small form factor packages—support multiple packaging
technologies and pin pitches
• Multiple device densities with compatible package footprints for seamless
migration between different device densities
• RoHS6-compliant
Core architecture
• 4-input look-up table (LUT) and single register logic element (LE)
• LEs arranged in logic array block (LAB)
• Embedded RAM and user flash memory
• Clocks and PLLs
• Embedded multiplier blocks
• General purpose I/Os
Internal memory blocks
• M9K—9 kilobits (Kb) memory blocks
• Cascadable blocks to create RAM, dual port, and FIFO functions
User flash memory (UFM)
• User accessible non-volatile storage
• High speed operating frequency
• Large memory size
• High data retention
• Multiple interface option
Embedded multiplier blocks
• One 18 × 18 or two 9 × 9 multiplier modes
• Cascadable blocks enabling creation of filters, arithmetic functions, and image
processing pipelines
ADC
• 12-bit successive approximation register (SAR) type
• Up to 17 analog inputs
• Cumulative speed up to 1 million samples per second ( MSPS)
• Integrated temperature sensing capability
Clock networks
• Global clocks support
• High speed frequency in clock network
Internal oscillator
Built-in internal ring oscillator
PLLs
• Analog-based
• Low jitter
• High precision clock synthesis
• Clock delay compensation
• Zero delay buffering
• Multiple output taps
General-purpose I/Os (GPIOs)
• Multiple I/O standards support
• On-chip termination (OCT)
• Up to 830 megabits per second (Mbps) LVDS receiver, 800 Mbps LVDS
transmitter
External memory interface (EMIF) (1)
Supports up to 600 Mbps external memory interfaces:
continued...
(1) EMIF is only supported in selected Intel MAX 10 device density and package combinations.
Refer to the External Memory Interface User Guide for more information.
Intel® MAX® 10 FPGA Device Overview
683658 | 2021.11.01
Intel® MAX® 10 FPGA Device Overview
Send Feedback
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com