Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10M02DAY256C6G Datasheet(PDF) 5 Page - Intel Corporation

Part # 10M02DAY256C6G
Description  Intel® MAX® 10 FPGA Device Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

10M02DAY256C6G Datasheet(HTML) 5 Page - Intel Corporation

  10M02DAY256C6G Datasheet HTML 1Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 2Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 3Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 4Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 5Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 6Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 7Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 8Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Feature
Description
• DDR3, DDR3L, DDR2, LPDDR2 (on 10M16, 10M25, 10M40, and 10M50.)
• SRAM (Hardware support only)
Note: For 600 Mbps performance, –6 device speed grade is required.
Performance varies according to device grade (commercial, industrial, or
automotive) and device speed grade (–6 or –7). Refer to the Intel MAX
10 FPGA Device Datasheet or External Memory Interface Spec Estimator
for more details.
Configuration
• Internal configuration
• JTAG
• Advanced Encryption Standard (AES) 128-bit encryption and compression
options
• Flash memory data retention of 20 years at 85 °C
Flexible power supply schemes
• Single- and dual-supply device options
• Dynamically controlled input buffer power down
• Sleep mode for dynamic power reduction
Intel MAX 10 Device Ordering Information
Figure 1.
Sample Ordering Code and Available Options for Intel MAX 10 Devices
V, Y : Wafer-Level Chip Scale (WLCSP)
E
: Plastic Enhanced Quad Flat Pack (EQFP)
M : Micro FineLine BGA (MBGA)
U : Ultra FineLine BGA (UBGA)
F
: FineLine BGA (FBGA)
Family Signature
Package Type
WLCSP Package Type
36 : 36 pins, 3 mm x 3 mm
81 : 81 pins, 4 mm x 4 mm
EQFP Package Type
144 : 144 pins, 22 mm x 22 mm
UBGA Package Type
169 : 169 pins, 11 mm x 11 mm
324 : 324 pins, 15 mm x 15 mm
FBGA Package Type
256 : 256 pins, 17 mm x 17 mm
484 : 484 pins, 23 mm x 23 mm
672 : 672 pins, 27 mm x 27 mm
MBGA Package Type
153 : 153 pins, 8 mm x 8 mm
Package Code
180 : 180 pins, 6 mm x 5 mm
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
6 (fastest)
7
8
10M 16
DA U 484 I 7 G
Feature Options
02 : 2K logic elements
04 : 4K logic elements
08 : 8K logic elements
16 : 16K logic elements
25 : 25K logic elements
40 : 40K logic elements
50 : 50K logic elements
Member Code
10M : Intel® MAX® 10
G : RoHS6
ES : Engineering sample
P
: Leaded package
C
: Commercial (T = 0° C to 85° C)
I
: Industrial (T = - 40° C to 100° C)
A : Automotive (T = - 40° C to 125° C)
J
J
J
Note:
(1) DD OPN available only on 10M40 and 10M50 devices with F256, F484, and F762 packages.
SC : Single supply - compact features
SA : Single supply - analog and flash features with
RSU option
SL : Single supply - flash features with RSU option
DC : Dual supply - compact features
DF : Dual supply - flash features with RSU option
DA : Dual supply - analog and flash features with
RSU option
DD : Dual supply - analog and flash features with
RSU option and flash access control (1)
Note:
The –A6 speed grade of the Intel MAX 10 FPGA devices is not available by default in
the Intel Quartus Prime software. Contact your local Intel sales representatives for
support.
Intel® MAX® 10 FPGA Device Overview
683658 | 2021.11.01
Send Feedback
Intel® MAX® 10 FPGA Device Overview
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com