Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5676 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5676
Description  NPN SILICON RF TRANSISTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5676 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5676 Datasheet HTML 12Page - Renesas Technology Corp 2SC5676 Datasheet HTML 13Page - Renesas Technology Corp 2SC5676 Datasheet HTML 14Page - Renesas Technology Corp 2SC5676 Datasheet HTML 15Page - Renesas Technology Corp 2SC5676 Datasheet HTML 16Page - Renesas Technology Corp 2SC5676 Datasheet HTML 17Page - Renesas Technology Corp 2SC5676 Datasheet HTML 18Page - Renesas Technology Corp 2SC5676 Datasheet HTML 19Page - Renesas Technology Corp 2SC5676 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Data Sheet P15286EJ1V0DS
14
2SC5676
VCE = 2 V, IC = 1 mA, ZO = 50
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.960
0.919
0.868
0.832
0.800
0.780
0.764
0.751
0.744
0.742
0.737
0.734
0.734
0.736
0.734
0.736
0.739
0.743
0.741
0.747
0.751
0.756
0.763
0.766
0.769
0.774
0.779
0.778
0.789
0.789
0.779
0.776
−25.2
−49.9
−70.6
−88.3
−103.3
−115.4
−126.2
−135.0
−142.6
−149.5
−155.5
−160.7
−165.4
−170.0
−174.2
−177.8
178.6
175.3
171.3
168.1
165.1
162.3
159.8
157.0
154.4
152.3
150.2
148.5
146.2
144.6
129.9
119.6
3.358
3.205
2.847
2.532
2.261
2.012
1.806
1.633
1.497
1.381
1.278
1.197
1.121
1.055
0.993
0.947
0.895
0.863
0.818
0.786
0.753
0.721
0.695
0.669
0.641
0.620
0.600
0.580
0.572
0.555
0.494
0.504
163.0
145.8
132.1
120.8
110.5
102.0
94.7
88.3
82.7
77.3
72.6
68.2
64.4
60.4
57.1
53.8
50.9
47.9
44.9
42.1
40.0
38.1
35.9
34.7
33.1
31.9
30.7
30.0
29.3
29.7
28.0
26.8
0.052
0.095
0.126
0.146
0.158
0.165
0.167
0.166
0.163
0.159
0.154
0.147
0.140
0.133
0.126
0.119
0.114
0.111
0.109
0.111
0.114
0.121
0.131
0.142
0.155
0.170
0.184
0.200
0.216
0.233
0.398
0.475
77.1
61.9
50.5
41.5
34.2
28.7
24.2
20.7
18.2
16.2
14.9
14.5
14.6
15.5
17.4
20.4
24.4
29.4
35.1
41.6
47.8
53.5
58.5
62.2
65.0
67.2
68.5
69.3
69.5
69.4
56.4
41.8
0.977
0.925
0.861
0.802
0.750
0.707
0.675
0.651
0.632
0.616
0.603
0.592
0.584
0.576
0.572
0.568
0.565
0.562
0.562
0.560
0.561
0.562
0.566
0.566
0.568
0.572
0.577
0.583
0.586
0.584
0.646
0.692
−9.1
−17.2
−23.5
−28.3
−32.0
−35.1
−37.9
−40.6
−43.2
−46.0
−49.0
−52.0
−55.3
−58.9
−62.7
−66.5
−70.5
−74.7
−79.2
−83.4
−87.9
−92.7
−97.3
−101.9
−106.8
−111.7
−116.6
−121.1
−125.5
−130.3
−174.1
156.2
0.023
0.118
0.182
0.231
0.294
0.354
0.409
0.475
0.534
0.595
0.672
0.753
0.832
0.920
1.025
1.116
1.212
1.271
1.365
1.370
1.365
1.328
1.245
1.197
1.161
1.101
1.058
1.043
0.972
0.986
0.996
1.031
18.13
15.30
13.53
12.39
11.55
10.87
10.34
9.92
9.62
9.38
9.20
9.11
9.03
9.00
8.00
6.92
6.16
5.79
5.14
4.89
4.58
4.31
4.28
4.04
3.73
3.70
3.65
3.37
4.22
3.76
0.94
−0.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com