Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XTPS563203DRLR Datasheet(PDF) 9 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 5Page - Texas Instruments XTPS563203DRLR Datasheet HTML 6Page - Texas Instruments XTPS563203DRLR Datasheet HTML 7Page - Texas Instruments XTPS563203DRLR Datasheet HTML 8Page - Texas Instruments XTPS563203DRLR Datasheet HTML 9Page - Texas Instruments XTPS563203DRLR Datasheet HTML 10Page - Texas Instruments XTPS563203DRLR Datasheet HTML 11Page - Texas Instruments XTPS563203DRLR Datasheet HTML 12Page - Texas Instruments XTPS563203DRLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
7 Detailed Description
7.1 Overview
The TPS56320x is a 3-A integrated FET synchronous step-down buck converter that operates from 4.2-V to
17-V input voltage (VIN) and 0.6-V to 7-V output voltage. The device employs D-CAP3 control mode that
provides fast transient response with no external compensation components and an accurate feedback voltage.
The proprietary D-CAP3 control mode enables low external component count, ease of design, and optimization
of the power design for cost, size, and efficiency. The topology provides a seamless transition between CCM
operating mode at higher load condition and DCM operation at lighter load condition.
The Eco-mode version allows the TPS563203 to maintain high efficiency at light load. The FCCM mode version
allows the TPS563206 to maintain a fixed switching frequency and lower output voltage ripple. The TPS56320x
is able to adapt to both low equivalent series resistance (ESR) output capacitors such as POSCAP or SP-CAP,
and ultra-low ESR ceramic capacitors.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Adaptive On-Time Control and PWM Operation
The main control loop of the TPS56320x is adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP3 control mode. The D-CAP3 control mode combines adaptive on-time control with
an internal compensation circuit for pseudo-fixed frequency and low external component count configuration
with both low-ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output. The
TPS56320x also includes an error amplifier that makes the output voltage very accurate
www.ti.com
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com