Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFE252012PD-2R2M Datasheet(PDF) 40 Page - Texas Instruments

Part # DFE252012PD-2R2M
Description  TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-2R2M Datasheet(HTML) 40 Page - Texas Instruments

Back Button DFE252012PD-2R2M Datasheet HTML 36Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 37Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 38Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 39Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 40Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 41Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 42Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 43Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
• Increased EMI radiation
• Noise sensitivity
See Figure 9-79 for the recommended layout of the TPS629211-Q1, which is designed for common external
ground connections. The input capacitor must be placed as close as possible between the VIN and GND pin of
the TPS629211-Q1.
Provide low inductive and resistive paths for loops with high di/dt. Therefore, paths conducting the switched load
current must be as short and wide as possible. Provide low capacitive paths (with respect to all other nodes) for
wires with high dv/dt. Therefore, the input and output capacitance must be placed as close as possible to the IC
pins and parallel wiring over long distances as well as narrow traces must be avoided. Loops that conduct an
alternating current must outline an area as small as possible, as this area is proportional to the energy radiated.
Sensitive nodes like FB and VOS must be connected with short wires and not nearby high dv/dt signals (for
example, SW). As they carry information about the output voltage, they also must be connected as close as
possible to the actual output voltage (at the output capacitor). The FB resistors, R1 and R2, must be kept close
to the IC and connect directly to those pins and the system ground plane. The same applies for the S-CONFIG/
MODE and VSET programming resistors.
The package uses the pins for power dissipation. Thermal vias on the VIN, GND, and SW pins help to spread
the heat through the PCB.
In case any of the digital inputs (EN or S-CONF/MODE pins) must be tied to the input supply voltage at VIN, the
connection must be made directly at the input capacitor as indicated in the schematics.
The recommended layout is implemented on the EVM and shown in the TPS629211-Q1EVM User's Guide.
9.5.2 Layout Example
GND
VIN
EN
S-CONFIG
VOS
PG
FB
SW
GND
VIN
VOUT
Figure 9-79. TPS629211-Q1 Layout
9.5.3 Thermal Considerations
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the power-
dissipation limits of a given component.
The following are basic approaches for enhancing thermal performance:
• Improving the power dissipation capability of the PCB design (for example, increasing copper thickness,
thermal vias, number of layers)
• Introducing airflow in the system
TPS629211-Q1
SLVSGD0A – MARCH 2022 – REVISED MARCH 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS629211-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com