Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFE252012PD-2R2M Datasheet(PDF) 22 Page - Texas Instruments

Part # DFE252012PD-2R2M
Description  TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-2R2M Datasheet(HTML) 22 Page - Texas Instruments

Back Button DFE252012PD-2R2M Datasheet HTML 18Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 19Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 20Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 21Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 22Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 23Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 24Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 25Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
fLC=  12πL ×C
(13)
Table 9-3 can be used to simplify the output filter component selection. The values in Table 9-3 are nominal
values, and the effective capacitance was considered to be +20% and –50%. Different values can work, but
care has to be taken on the loop stability which is affected. More information on the sizing of the LC filter of a
DCS-Control regulator can be found in the Optimizing the TPS62130/40/50/60 Output Filter Application Note.
Table 9-3. Recommended LC Output Filter Combinations
4.7 µF
10 µF
22 µF
47 µF
100 µF
200 µF
1 µH (3) (4)
√
√
√
√ (2)
1.5 µH
√
√
√
√ (2)
2.2 µH
√
√(1)
√
√ (2)
3.3 µH
√
√
√
√
4.7 µH
√
√
√
√(2)
(1)
This LC combination is the standard value and recommended for most applications.
(2)
Output capacitance must have an ESR of ≥ 10 mΩ for stable operation. See Section 9.3.1.
(3)
Not recommended for 1-MHz operation
(4)
At full load, ILpeak can exceed ILIM_HS at higher input or output voltages.
Although the TPS629211-Q1 is stable without the pole and zero being in a particular location, an external
feedforward capacitor can also be added to adjust their location based on the specific needs of the application.
This can provide better performance in power save mode, improved transient response, or both.
A more detailed discussion on the optimization for stability versus transient response can be found in
the Optimizing Transient Response of Internally Compensated DC-DC Converters Application Note and
Feedforward Capacitor to Improve Stability and Bandwidth of TPS621/821-Family Application Note.
9.2.2.3.2 Inductor Selection
The TPS629211-Q1 is designed for a nominal 2.2-µH inductor. Larger values can be used to achieve a lower
inductor current ripple but they can have a negative impact on efficiency and transient response. Smaller values
than 2.2 µH cause larger inductor current ripple, which cause larger negative inductor currents in forced PWM
mode and higher peak currents at full load. Therefore, they are not recommended at larger voltages across the
inductor as it is the case for high input voltages and low output voltages. With low output current in forced PWM
mode, this causes a larger negative inductor current peak that can exceed the negative current limit. At low or
no output current and small inductor values, the output voltage can therefore not be regulated any more. More
detailed information on further LC combinations can be found in the Optimizing the TPS62130/40/50/60 Output
Filter Application Note.
The inductor selection is affected by several effects like the following:
• Inductor ripple current
• Output ripple voltage
• PWM-to-PFM transition point
• Efficiency
In addition, the inductor selected has to be rated for appropriate saturation current and DC resistance (DCR).
Equation 14 calculates the maximum inductor current.
ILMAX =IOUTMAX +∆ILMAX2
(14)
∆ILMAX =VOUT×1 −  VOUT
VINMAX
LMIN × fSW
(15)
where:
• IL(max) is the maximum inductor current.
TPS629211-Q1
SLVSGD0A – MARCH 2022 – REVISED MARCH 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS629211-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com