Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFE252012PD-2R2M Datasheet(PDF) 8 Page - Texas Instruments

Part # DFE252012PD-2R2M
Description  TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-2R2M Datasheet(HTML) 8 Page - Texas Instruments

Back Button DFE252012PD-2R2M Datasheet HTML 4Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 5Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 6Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 7Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 8Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 9Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 10Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 11Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
7.7 Typical Characteristics
Temperature (
C)
-40
-20
0
20
40
60
80
100 120 140 160
0
1
2
3
4
5
6
7
8
9
10
Vin = 3V
Vin = 6V
Vin = 9V
Measured with the device not switching
Figure 7-1. Typical Quiescent Current vs Temperature
Temperature (
C)
-40
-20
0
20
40
60
80
100 120 140 160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Vin = 3V
Vin = 6V
Vin = 9V
Figure 7-2. Typical Shutdown Current vs Temperature
Temperature (
C)
-40
-20
0
20
40
60
80
100 120 140 160
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
Vin = 3V
Vin = 6V
Vin = 9V
Figure 7-3. Output Voltage Accuracy – External Feedback
VOUT = 5.0 V
Figure 7-4. Output Voltage Accuracy – VSET Selected
Temperature (
C)
-40
-20
0
20
40
60
80
100 120 140 160
3.285
3.288
3.291
3.294
3.297
3.3
3.303
3.306
3.309
3.312
3.315
Vin = 6V
Vin = 9V
VOUT = 3.3 V
Figure 7-5. Output Voltage Accuracy – VSET Selected
Temperature (
C)
-40
-20
0
20
40
60
80
100 120 140 160
1.79
1.792
1.794
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
Vin = 3V
Vin = 6V
Vin = 9V
VOUT = 1.8 V
Figure 7-6. Output Voltage Accuracy – VSET Selected
TPS629211-Q1
SLVSGD0A – MARCH 2022 – REVISED MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS629211-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com