Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119FU/2 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2119FU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119FU/2 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2119FU/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 34Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 36Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
2003 Jan 30
33
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
10 INTERFACES TO MPU
10.1
Parallel interface
The PCF2119x can send data in either two 4-bit operations
or one 8-bit operation and can thus interface to 4-bit or
8-bit microcontrollers.
In 8-bit mode data is transferred as 8-bit bytes using the
8 data lines DB7 to DB0. Three further control lines
E, RS and R/W are required; see Section 6.1.
In 4-bit mode data is transferred in two cycles of 4 bits
each using pads DB7 to DB4 for the transaction. The
higher order bits (corresponding to DB7 to DB4 in 8-bit
mode) are sent in the first cycle and the lower order bits
(DB3 to DB0 in 8-bit mode) in the second. Data transfer is
complete after two 4-bit data transfers. It should be noted
that two cycles are also required for the busy flag check.
4-bit operation is selected by instruction, see Figs 16 to 18
for examples of bus protocol.
In 4-bit mode, pads DB3 to DB0 must be left open-circuit.
They are pulled up to VDD internally.
10.2
I2C-bus interface
The I2C-bus is for bidirectional, two-line communication
between different ICs or modules. The two lines are the
Serial Data line (SDA) and the Serial Clock Line (SCL).
Both lines must be connected to a positive supply via
pull-up resistors. Data transfer may be initiated only when
the bus is not busy.
Each byte of eight bits is followed by an acknowledge bit.
The acknowledge bit is a HIGH level signal put on the bus
by the transmitter during which time the master generates
an extra acknowledge related clock pulse. A slave receiver
which is addressed must generate an acknowledge after
the reception of each byte.
Also a master receiver must generate an acknowledge
after the reception of each byte that has been clocked out
of the slave transmitter.
The device that acknowledges must pull-down the SDA
line during the acknowledge clock pulse, so that the SDA
line is stable LOW during the HIGH period of the
acknowledge related clock pulse (set-up and hold times
must be taken into consideration).
A master receiver must signal an end of data to the
transmitter by not generating an acknowledge on the last
byte that has been clocked out of the slave. In this event
the transmitter must leave the data line HIGH to enable the
master to generate a STOP condition.
10.2.1
I2C-BUS PROTOCOL
Before any data is transmitted on the I2C-bus, the device
which should respond is addressed first. The addressing is
always carried out with the first byte transmitted after the
START procedure. The I2C-bus configuration for the
different PCF2119x read and write cycles is shown in
Figs 24 to 26. The slow down feature of the I2C-bus
protocol (receiver holds SCL LOW during internal
operations) is not used in the PCF2119x.
10.2.2
DEFINITIONS
• Transmitter: the device which sends the data to the bus
• Receiver: the device which receives the data from the
bus
• Master: the device which initiates a transfer, generates
clock signals and terminates a transfer
• Slave: the device addressed by a master
• Multi-master: more than one master can attempt to
control the bus at the same time without corrupting the
message
• Arbitration: procedure to ensure that, if more than one
master simultaneously tries to control the bus, only one
is allowed to do so and the message is not corrupted
• Synchronization: procedure to synchronize the clock
signals of two or more devices.
Fig.20 System configuration.
MGA807
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
SLAVE
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
MASTER
TRANSMITTER/
RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com