Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119FU/2 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF2119FU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119FU/2 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF2119FU/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
2003 Jan 30
43
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
16 APPLICATION INFORMATION
16.1
General information
The required minimum value for the external capacitors in
an application with the PCF2119x are as follows: Cext for
VLCD and VSS1,2 = 100 nF (min.), and for VDD1,2,3 and
VSS1,2 = 470 nF. Higher capacitor values are
recommended for ripple rejection.
For COG applications the recommended ITO track
resistance is to be minimized for the I/O and supply
connections. Optimized values for these are below 50
Ω
for the supply and below 100
Ω for the I/O connections.
Higher track resistance reduces performance and
increases current consumption.
To avoid accidental triggering of power-on reset
(especially in COG applications), the supplies must be
adequately decoupled. Depending on power supply
quality, VDD1 may have to be raised above the specified
minimum value.
When external VLCD is supplied, VLCD2 should be left
open-circuit to avoid any stray current, and VLCD1 must be
connected to VLCDSENSE.
Fig.30 Direct connection to 8-bit MPU; 8-bit bus.
handbook, full pagewidth
PCF2119x
MGK895
P80CL51
2
× 16 CHARACTER
LCD DISPLAY
PLUS 160 ICONS
16
8
C1 to C80
80
2
RS
P20
P21
E
P22
DB7 to DB0
P17 to P10
R17, R18
R1 to R16
R/W
handbook, full pagewidth
PCF2119x
MGK896
P80CL51
2
× 16 CHARACTER
LCD DISPLAY
PLUS 160 ICONS
16
4
C1 to C80
80
2
RS
P10
P11
E
P12
DB7 to DB4
P17 to P14
R17, R18
R1 to R16
R/W
Fig.31 Direct connection to 8-bit MPU; 4-bit bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com