Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119FU/2 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF2119FU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119FU/2 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF2119FU/2 Datasheet HTML 36Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 37Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 38Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
2003 Jan 30
40
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
Notes
1. LCD outputs are open-circuit; inputs at VDD or VSS; bus inactive.
2. Tamb =25 °C; fOSC = 200 kHz.
3. LCD outputs are open-circuit; HV generator is on; load current ILCD =5 µA.
4. Resistance of output terminals (R1 to R18 and C1 to C80) with a load current of 10
µA; outputs measured one at a
time; external VLCD; VLCD = 3 V; VDD1 =VDD2 =VDD3 =3V.
5. LCD outputs open-circuit; external VLCD.
I2C-bus
SDA AND SCL
VIL2
LOW-level input voltage
0
−
0.3VDD
V
VIH2
HIGH-level input voltage
0.7VDD
−
5.5
V
ILI
input leakage current
VI =VDD or VSS
−1
−
+1
µA
Ci
input capacitance
−
5
−
pF
IOL(SDA)
LOW-level output current SDA
VOL = 0.4 V; VDD >2V
3
−−
mA
VOL = 0.2VDD; VDD <2V
2
−−
mA
LCD outputs
RO(ROW)
row output resistance pads
R1 to R18
note 4
−
10
30
k
Ω
RO(COL)
column output resistance pads
C1 to C80
note 4
−
15
40
k
Ω
Vbias(tol)
bias tolerance pads R1 to R18
and C1 to C80
note 5
−
20
130
mV
VLCD(tol)
VLCD tolerance
Tamb =25 °C; note 3
VLCD <3V
−−
160
mV
VLCD <4V
−−
200
mV
VLCD <5V
−−
260
mV
VLCD <6V
−−
340
mV
TC0
VLCD temperature coefficient 0
−−0.16 −
%/K
TC1
VLCD temperature coefficient 1
−−0.18 −
%/K
TC2
VLCD temperature coefficient 2
−−0.21 −
%/K
TC3
VLCD temperature coefficient 3
−−0.24 −
%/K
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com