Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGT65R65AL Datasheet(PDF) 5 Page - STMicroelectronics

Part # SGT65R65AL
Description  650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT65R65AL Datasheet(HTML) 5 Page - STMicroelectronics

  SGT65R65AL Datasheet HTML 1Page - STMicroelectronics SGT65R65AL Datasheet HTML 2Page - STMicroelectronics SGT65R65AL Datasheet HTML 3Page - STMicroelectronics SGT65R65AL Datasheet HTML 4Page - STMicroelectronics SGT65R65AL Datasheet HTML 5Page - STMicroelectronics SGT65R65AL Datasheet HTML 6Page - STMicroelectronics SGT65R65AL Datasheet HTML 7Page - STMicroelectronics SGT65R65AL Datasheet HTML 8Page - STMicroelectronics SGT65R65AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area (TC = 25 °C)
GADG100220231526SOA
10 1
10 0
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =100µs
tp =10µs
tp =1ms
tp =10ms
V(BR)DSS
tp =1µs
single pulse
TC = 25 °C
TJ ≤ 150 °C
Operation in this area
is limited by RDS(on)
Figure 2. Safe operating area (TC = 125 °C)
GADG100220231539SOA125
10 1
10 0
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =100µs
tp =10µs
tp =1ms
tp =10ms
V(BR)DSS
tp =1µs
single pulse
TC = 125 °C
TJ ≤ 150 °C
Operation in this area
is limited by RDS(on)
Figure 3. Maximum transient thermal impedance
GADG100220231552ZTH
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
tp (s)
ton
T
duty = ton/T
RthJC = 0.41 °C/W
ZthJC
(°C/W)
duty=0.5 0.4
0.3
0.2
0.05
0.1
Single pulse
Figure 4. Total power dissipation
GADG100220231553PTOT
300
250
200
150
100
50
0
-25
25
75
125
PTOT
(W)
TC (°C)
TJ = 150 °C
Figure 5. Typical output characteristics (TC = 25 °C)
GADG100220231611OCH
60
50
40
30
20
10
0
0.0
0.8
1.6
2.4
3.2
4.0
ID
(A)
VDS (V)
VGS = 6 V
5V
4V
3V
Figure 6. Typical output characteristics (TC = 150 °C)
GADG100220231611OCH150
30
25
20
15
10
5
0
0.0
0.8
1.6
2.4
3.2
4.0
ID
(A)
VDS (V)
VGS = 6 V
5V
4V
3V
SGT65R65AL
Electrical characteristics (curves)
DS13251 - Rev 7
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com