Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGT65R65AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # SGT65R65AL
Description  650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT65R65AL Datasheet(HTML) 1 Page - STMicroelectronics

  SGT65R65AL Datasheet HTML 1Page - STMicroelectronics SGT65R65AL Datasheet HTML 2Page - STMicroelectronics SGT65R65AL Datasheet HTML 3Page - STMicroelectronics SGT65R65AL Datasheet HTML 4Page - STMicroelectronics SGT65R65AL Datasheet HTML 5Page - STMicroelectronics SGT65R65AL Datasheet HTML 6Page - STMicroelectronics SGT65R65AL Datasheet HTML 7Page - STMicroelectronics SGT65R65AL Datasheet HTML 8Page - STMicroelectronics SGT65R65AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PowerFLAT 5x6 HV
for PowerGaN
1
2
3
4
G4D5678S12KS3
D(5,6,7,8)
G(4)
KS(3) S(1,2)
Features
Order code
VDS
RDS(on) max.
ID
Series
SGT65R65AL
650 V
65 mΩ
25 A
G-HEMT
•
Enhancement mode normally off transistor
•
Very high switching speed
•
High power management capability
•
Extremely low capacitances
•
Kelvin source pad for optimum gate driving
•
Zero reverse recovery charge
Applications
•
AC-DC converters
•
AC-DC PSU for server and telecom
•
LED illumination
•
Uninterruptable power supplies (UPS)
Description
The SGT65R65AL is a 650 V, 25 A e-mode PowerGaN transistor combined with
a well established packaging technology. The resulting G-HEMT device provides
extremely low conduction losses, high current capability and ultra fast switching
operation to enable high power density and unbeatable efficiency performances.
Product status link
SGT65R65AL
Product summary
Order code
SGT65R65AL
Marking
65R65A
Package
PowerFLAT 5x6 HV
for PowerGaN
Packing
Tape and reel
650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
SGT65R65AL
Datasheet
DS13251 - Rev 7 - March 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SGT65R65AL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SGT60N60FD1P7 SILAN-SGT60N60FD1P7 Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FD1PN SILAN-SGT60N60FD1PN Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FD1PS SILAN-SGT60N60FD1PS Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FD1PT SILAN-SGT60N60FD1PT Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FDB1P7 SILAN-SGT60N60FDB1P7 Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
More results

Similar Description - SGT65R65AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SGT120R65AL STMICROELECTRONICS-SGT120R65AL Datasheet
649Kb / 17P
650 V, 75 mΩ typ., 15 A, e-mode PowerGaN transistor
23-Mar-2023
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220708
GS-065-011-2-L GAN-GS-065-011-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
650 V E-mode GaN transistor
Rev 220921
GS-065-030-2-L GAN-GS-065-030-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-060-5-B-A GAN-GS-065-060-5-B-A Datasheet
1Mb / 16P
Automotive 650 V GaN E-mode transistor
Rev 211025
GS-065-060-5-T-A GAN-GS-065-060-5-T-A Datasheet
1Mb / 17P
Automotive 650 V GaN E-mode transistor
Rev 220127
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com