Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3912 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 73Page - STMicroelectronics ST25R3912 Datasheet HTML 74Page - STMicroelectronics ST25R3912 Datasheet HTML 75Page - STMicroelectronics ST25R3912 Datasheet HTML 76Page - STMicroelectronics ST25R3912 Datasheet HTML 77Page - STMicroelectronics ST25R3912 Datasheet HTML 78Page - STMicroelectronics ST25R3912 Datasheet HTML 79Page - STMicroelectronics ST25R3912 Datasheet HTML 80Page - STMicroelectronics ST25R3912 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
DS11794 Rev 9
77/130
ST25R3912
111
1.3.8
ISO14443B and FeliCa settings register
Address: 07h
Type: RW
Table 30. ISO14443B and FeliCa settings register(1)
Bit
Name
Default
Function
Comments
7tr1_1
0
Refer to Table 31
-
6tr1_0
0
5
no_sof
0
1: No SOF PICC to PCD
According to ISO14443-3 chapter 7.10.3.3
Support of B’
4
no_eof
0
1: No EOF PICC to PCD
According to ISO14443-3 chapter 7.10.3.3
3eof_12
0
0: PICC EOF 10 to 11 etu
1: PICC EOF 10 to 12 etu
Support of B(2)
2
phc_th
0
1: Increased tolerance of phase
change detection
-
1
f_p1
0
00: 48
01: 64
10: 80
11: 96
FeliCa preamble length (valid also for NFCIP-1
active communication bit rates 242 and 484 kb/s)
0f_p0
0
1. Default setting takes place at power-up and after Set default command.
2. Detection of EOF requires larger tolerance range for bit rates with only one sub-carrier frequency period per bit (fc / 16 and
higher). Due to this it is not possible to distinguish between EOF with 11 and 12 etu and setting this bit has no impact on
EOF detection.
Table 31. Minimum TR1 codings
tr1_1
tr1_0
Minimum TR1 for a PICC to PCD bit rate
fc / 128
>fc / 128
0
0
80 / fs
80 / fs
0
1
64 / fs
32 / fs
1
0
Not used
Not used
1
1
Not used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com