Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3912 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 27Page - STMicroelectronics ST25R3912 Datasheet HTML 28Page - STMicroelectronics ST25R3912 Datasheet HTML 29Page - STMicroelectronics ST25R3912 Datasheet HTML 30Page - STMicroelectronics ST25R3912 Datasheet HTML 31Page - STMicroelectronics ST25R3912 Datasheet HTML 32Page - STMicroelectronics ST25R3912 Datasheet HTML 33Page - STMicroelectronics ST25R3912 Datasheet HTML 34Page - STMicroelectronics ST25R3912 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
DS11794 Rev 9
31/130
ST25R3912
Functional overview
66
Figure 8. Exchange of signals with microcontroller
MISO output is usually in tristate, it is only driven when output data is available. Due to this
the MOSI and the MISO can be externally shorted to create a bidirectional signal.
During the time the MISO output is in tristate, it is possible to switch on a 10 kΩ pull down by
activating option bits miso_pd1 and miso_pd2 in the IO configuration register 2.
Table 6 provides information on the SPI operation modes. Reading and writing of registers
is possible in any ST25R3912 operation mode. FIFO operations are possible in case en (bit
7 of the Operation control register) is set and Xtal oscillator frequency is stable.
Writing data to addressable registers (Write mode)
Figure 9 and Figure 10 show cases of writing a single byte and writing multiple bytes with
auto-incrementing address. After the SPI operation mode bits, the address of register to be
written is provided. Then one or more data bytes are transferred from the SPI, always from
the MSB to the LSB. The data byte is written in register on falling edge of its last clock. In
case the communication is terminated by putting /SS high before a packet of 8 bits (one
byte) is sent, writing of this register is not performed. In case the register on the defined
address does not exist or it is a read only register no write is performed.
MS42438V2
MOSI
MISO
I/O
MOSI
MISO
MISO
MOSI
Separate SPI input and
output signals to MCU
Bidirectional data
IO signal to MCU
Table 6. SPI operation modes
Mode
Pattern (communication bits)
Related data
Mode
Trailer
M1
M0
C5
C4
C3
C2
C1
C0
Register write
0
0
A5
A4
A3
A2
A1
A0 Data byte (or more bytes in case of
auto-incrementing)
Register read
0
1
A5
A4
A3
A2
A1
A0
FIFO load
100
0000
0
One or more bytes of FIFO data
FIFO read
101
1111
1
Direct command mode
1
1
C5
C4
C3
C2
C1
C0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com