Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6983I Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 5 Page - STMicroelectronics

  L6983I Datasheet HTML 1Page - STMicroelectronics L6983I Datasheet HTML 2Page - STMicroelectronics L6983I Datasheet HTML 3Page - STMicroelectronics L6983I Datasheet HTML 4Page - STMicroelectronics L6983I Datasheet HTML 5Page - STMicroelectronics L6983I Datasheet HTML 6Page - STMicroelectronics L6983I Datasheet HTML 7Page - STMicroelectronics L6983I Datasheet HTML 8Page - STMicroelectronics L6983I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
3
Maximum ratings
3.1
Absolute maximum ratings
Stressing the device above the ratings listed in Table 3. Absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum
rating conditions may affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VIN
Maximum pin voltage
-0.3
42
V
AGND
Maximum pin voltage
0
0
V
PGND
Maximum pin voltage
- 0.3
0.3
V
BOOT
Maximum pin voltage
SW - 0.3
SW + 4
V
VCC
Maximum pin voltage
- 0.3
Min. (VIN + 0.3 V; 4 V
V
FB
Maximum pin voltage
- 0.3
8
V
FSW
Maximum pin voltage
- 0.3
VCC + 0.3
V
VBIAS
Maximum pin voltage
- 0.3
VIN + 0.3
V
EN
Maximum pin voltage
- 0.3
VIN + 0.3
V
PGOOD
Maximum pin voltage
- 0.3
VIN + 0.3
V
SW
Maximum pin voltage
- 0.85
VIN + 0.3
V
- 3.8 for 0.5 ns (1)
V
TJ
Operating temperature range
- 40
150
°C
TSTG
Storage temperature range
- 65
150
°C
TLEAD
Lead temperature (soldering 10 sec.)
260
°C
IHS, ILS
High-side / low-side RMS switch
current
3
A
1. Negative peak voltage during switching activities caused by parasitic layout elements.
3.2
ESD protection
Table 4. ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
kV
CDM (corner pins)
750
V
CDM
500
3.3
Thermal characteristics
Table 5. Thermal data
Symbol
Parameter
Package
Value
Unit
Rth_JA
Thermal resistance junction ambient (device soldered on
the STMicroelectronics demonstration board, please refer to
Section 11 Application board)
QFN16
42
°C/W
L6983I
Maximum ratings
DS14040 - Rev 1
page 5/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com