Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6983I Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 3 Page - STMicroelectronics

  L6983I Datasheet HTML 1Page - STMicroelectronics L6983I Datasheet HTML 2Page - STMicroelectronics L6983I Datasheet HTML 3Page - STMicroelectronics L6983I Datasheet HTML 4Page - STMicroelectronics L6983I Datasheet HTML 5Page - STMicroelectronics L6983I Datasheet HTML 6Page - STMicroelectronics L6983I Datasheet HTML 7Page - STMicroelectronics L6983I Datasheet HTML 8Page - STMicroelectronics L6983I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Pin n°
Symbol
Function
11
BOOT
Connect an external capacitor (100 nF typ.) between BOOT and SW
pins. The gate charge required to drive the internal nMOS is refreshed
during the low-side switch conduction time.
12
VIN
DC input voltage
13
PGND
Power ground
14
SW
Switching node
15
SW
Switching node
16
PGND
Power ground
-
Exposed PAD
Exposed pad must be connect to AGND, PGND.
L6983I
Pin configuration
DS14040 - Rev 1
page 3/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com