Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6983I Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 47Page - STMicroelectronics L6983I Datasheet HTML 48Page - STMicroelectronics L6983I Datasheet HTML 49Page - STMicroelectronics L6983I Datasheet HTML 50Page - STMicroelectronics L6983I Datasheet HTML 51Page - STMicroelectronics L6983I Datasheet HTML 52Page - STMicroelectronics L6983I Datasheet HTML 53Page - STMicroelectronics L6983I Datasheet HTML 54Page - STMicroelectronics L6983I Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Contents
1
Pin configuration ..................................................................2
2
Typical application circuit..........................................................4
3
Maximum ratings ..................................................................5
3.1
Absolute maximum ratings....................................................... 5
3.2
ESD protection ................................................................ 5
3.3
Thermal characteristics ......................................................... 5
4
Electrical characteristics...........................................................6
4.1
Frequency selection table ....................................................... 8
5
Functional description .............................................................9
5.1
Primary side ................................................................... 9
5.1.1
Enable................................................................ 10
5.1.2
Soft-start .............................................................. 11
5.1.3
Undervoltage lockout .................................................... 12
5.1.4
Minimum on-time ....................................................... 13
5.1.5
Switch-over feature ...................................................... 14
5.1.6
Spread spectrum........................................................ 14
5.2
Transformer .................................................................. 15
5.3
Secondary side ............................................................... 15
5.4
Iso-buck operation principle ..................................................... 16
6
Iso-buck performances ...........................................................17
6.1
Output voltage line regulation ................................................... 17
6.2
Output voltage load regulation................................................... 19
6.3
Efficiency .................................................................... 20
7
Device protections................................................................23
7.1
Overvoltage protection ......................................................... 23
7.2
Overcurrent protection ......................................................... 23
7.3
Thermal shutdown............................................................. 25
7.4
Power good .................................................................. 25
8
Closing the loop ..................................................................27
8.1
GCO(s)control to output transfer function .......................................... 27
8.2
Error amplifier compensation network ............................................ 28
8.3
Voltage divider ................................................................ 29
9
Application notes .................................................................31
9.1
Output voltage adjustment ...................................................... 31
L6983I
Contents
DS14040 - Rev 1
page 51/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com