Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2STR1215 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 7Page - STMicroelectronics 2STR1215 Datasheet HTML 8Page - STMicroelectronics 2STR1215 Datasheet HTML 9Page - STMicroelectronics 2STR1215 Datasheet HTML 10Page - STMicroelectronics 2STR1215 Datasheet HTML 11Page - STMicroelectronics 2STR1215 Datasheet HTML 12Page - STMicroelectronics 2STR1215 Datasheet HTML 13Page - STMicroelectronics 2STR1215 Datasheet HTML 14Page - STMicroelectronics 2STR1215 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Figure 6. Power-up/down procedure
EN (t)
VCC (t)
SW (t)
IVIN (t)
t
VEN,Rising = 1.2 V
VWAKE UP, Rising ≈ 0.5 V
VVCC = 3.3 V
ISHTDWN = 2 µA
IS_OPVIN
VEN, Falling =1.0 V
IS_OPVIN
ISHDWN = 2 µA
VWAKE UP, Falling ≈0.4 V
t
t
t
When the voltage applied on the EN pin rises over VWAKEUP THR, RISING, the device powers up the internal circuit
increasing the current consumption.
As soon as the voltage rises over VENTHR, RISING, the device starts the switching activities as described in
Section 5.1.2 Soft-start.
Once the voltage becomes lower than VEN THR, FALLING, the device interrupts the switching activities.
As soon as the voltage becomes lower than VWAKEUP THR.FALLING, the device powers down the internal circuit
reducing the current consumption.
The pin is VIN compatible.
Please refer to Table 6. Electrical characteristics for the reported thresholds.
5.1.2
Soft-start
The soft-start (SS) limits the inrush current surge and makes the output voltage increase monotonically.
The device implements the soft-start phase ramping the internal reference with very small steps. Once the SS
ends the error amplifier reference is switched to the internal value of 0.85 V coming directly from the band gap
cell.
The soft-start duration is fixed and has a typical value of 1.3 ms.
L6983I
Primary side
DS14040 - Rev 1
page 11/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com