Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2STR1215 Datasheet(PDF) 33 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 29Page - STMicroelectronics 2STR1215 Datasheet HTML 30Page - STMicroelectronics 2STR1215 Datasheet HTML 31Page - STMicroelectronics 2STR1215 Datasheet HTML 32Page - STMicroelectronics 2STR1215 Datasheet HTML 33Page - STMicroelectronics 2STR1215 Datasheet HTML 34Page - STMicroelectronics 2STR1215 Datasheet HTML 35Page - STMicroelectronics 2STR1215 Datasheet HTML 36Page - STMicroelectronics 2STR1215 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
9.2
Switching frequency
A resistor connected to the FSW pin features the selection of the switching frequency (refer to
Section 4.1 Frequency selection table).
Connecting the resistor between the pins FSW and VCC, the internal dithering circuit is turned on (see Figure 3).
The selection of the switching frequency must take into account the minimum on-time of the device (TON MIN, as
indicated in the electrical characteristics table), as described by the following equation:
fSW_max≤ VOUT
TONMIN∙VIN∙η
(26)
The switching frequency affects the selection of the primary inductance as well as the transformer construction.
The efficiency also varies with the switching frequency (see Figure 24 and Figure 26).
9.3
Programmable power-up threshold
The Enable rising threshold is equal to 1.2 V typical (refer to Table 6. Electrical characteristics). The power-up
threshold is adjusted according to the following equation:
VPowerUP=1.2∙ 1+REN1REN2
(27)
Figure 40. Programming power-up threshold
VIN
VIN
EN/CLKIN
AGND
AGND
EP
VIN
GND
L6983I
REN1
REN2
The Enable falling threshold is equal to 1.0 V typical (refer to Table 6. Electrical characteristics). The turn
threshold is obtained according to the following equation:
VPowerDown=1.0∙ 1+REN1REN2
(28)
L6983I
Switching frequency
DS14040 - Rev 1
page 33/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com