Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2STR1215 Datasheet(PDF) 27 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 23Page - STMicroelectronics 2STR1215 Datasheet HTML 24Page - STMicroelectronics 2STR1215 Datasheet HTML 25Page - STMicroelectronics 2STR1215 Datasheet HTML 26Page - STMicroelectronics 2STR1215 Datasheet HTML 27Page - STMicroelectronics 2STR1215 Datasheet HTML 28Page - STMicroelectronics 2STR1215 Datasheet HTML 29Page - STMicroelectronics 2STR1215 Datasheet HTML 30Page - STMicroelectronics 2STR1215 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
8
Closing the loop
The iso-buck, compared to a standard buck, includes the transformer in place of the inductor and all the
components connected to the secondary winding (at least the Schottky diode and the secondary output
capacitor). Nevertheless, the regulation loop does not include the secondary side components. As a first
approximation the control loop of an iso-buck can be assimilated to the one of a standard buck. Therefore,
the block diagram in the figure below can still be used (where the inductor symbol identifies the inductance of the
primary winding) as well as all the equations and calculations in the next sections.
Figure 34. Block diagram of the loop
8.1
GCO(s)control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can be written as:
GCO(s)=RLOAD⋅gCS⋅
1
1+RLOAD∙TSW
L ⋅ mC⋅ 1‐D‐0.5 ⋅
1+sωZ1+sωp⋅FH(s)
(5)
where RLOAD represents the load resistance, gCS the equivalent sensing transconductance of the current sense
circuitry, wp the single pole introduced by the power stage and wz the zero given by the ESR of the output
capacitor.
FH(s) accounts the sampling effect performed by the PWM comparator on the output of the error amplifier that
introduces a double pole at one half of the switching frequency.
ωZ= 1ESR∙COUT
(6)
ωp= 1
RLOAD∙COUT∙mC∙1‐D‐0.5
L∙COUT∙fSW
(7)
where:
L6983I
Closing the loop
DS14040 - Rev 1
page 27/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com