Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC31H12CWY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC31H12CWY
Description  2 X 15 A, 1200 V power Schottky silicon carbide diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC31H12CWY Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC31H12CWY Datasheet HTML 1Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 2Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 3Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 4Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 5Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 6Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 7Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 8Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A1
K
A2
TO-247
A1
K
A2
Features
•
AEC-Q101 qualified
•
No or negligible reverse recovery
•
Switching behavior independent of temperature
•
Robust high-voltage periphery
•
PPAP capable
•
Operating Tj from -40 °C to 175 °C
•
ECOPACK 2 compliant
Applications
•
OBC (on board battery chargers)
•
PHEV - EV charging stations
•
Resonant LLC topology
•
PFC functions (power factor corrector)
Description
The SiC diode, available in TO-247, is an ultrahigh performance power Schottky
rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap
material allows the design of a low VF Schottky diode structure with a 1200 V rating.
Due to the Schottky construction, no recovery is shown at turn-off and ringing
patterns are negligible. The minimal capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC and secondary side applications, this ST SiC diode
will boost the performance in hard switching conditions. This rectifier will enhance the
performance of the targeted application. Its high forward surge capability ensures a
good robustness during transient phases.
Product status link
STPSC31H12C-Y
Product summary
IF(AV)
2 x 15 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
Product label
2 X 15 A, 1200 V power Schottky silicon carbide diode
STPSC31H12C-Y
Datasheet
DS13325 - Rev 2 - February 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC31H12CWY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC30G065 STMICROELECTRONICS-STPSC30G065 Datasheet
659Kb / 10P
650 V, 30 A high surge silicon carbide power Schottky diode
25-Sep-2025
STPSC30G065-Y STMICROELECTRONICS-STPSC30G065-Y Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC30G065L2Y STMICROELECTRONICS-STPSC30G065L2Y Datasheet
567Kb / 11P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
24-Jun-2025
STPSC30G065W STMICROELECTRONICS-STPSC30G065W Datasheet
659Kb / 10P
650 V, 30 A high surge silicon carbide power Schottky diode
25-Sep-2025
STPSC30G065WLY STMICROELECTRONICS-STPSC30G065WLY Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
More results

Similar Description - STPSC31H12CWY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSH15120A ONSEMI-FFSH15120A Datasheet
450Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 15 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D15120A WOLFSPEED-C4D15120A Datasheet
1Mb / 9P
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 5, March 2023
C4D15120H WOLFSPEED-C4D15120H Datasheet
558Kb / 9P
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 2, January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com