Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSSBY Datasheet(PDF) 152 Page - STMicroelectronics

Part # SPC584N80C3RSSBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSSBY Datasheet(HTML) 152 Page - STMicroelectronics

Back Button SPC584N80C3RSSBY Datasheet HTML 148Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 149Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 150Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 151Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 152Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 153Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 154Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 155Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 158 page
background image
Revision history
SPC584Nx, SPC58ENx, SPC58NNx
152/158
DS11734 Rev 6
12-Mar-2018
4
Removed KGD symbol from Cover page
Table 1: Device summary:
Removed KGD-related data.
Chapter 2: Package pinouts and signal descriptions:
Rephrased introduction sentence since the pinout excel file will no longer be
attached to the datasheet
Chapter 3: Electrical characteristics
Reformated introduction paragraph
Section 3.3: Operating conditions:
Replaced reference to IO_definition excel file by "the device pin out IO definition
excel file"
Section 3.7: Device consumption:
Table 9: Device consumption:
“IDD_LKG”: Classification “P” changed to “C” for all devices when TJ =40 °C
“IDD_LKG”: Added footnote “IDD_LKG and IDD_LV are reported as...”
For ISPIKE updated footnote and “SR” to “CC” and for ISR updated the second
footnote.
“IDD_LV”: added Footnote “IDD_LKG and IDD_LV are reported as...”
Update table footnote number 4.
Section 3.8: I/O pad specification:
Reformated note from introduction
Replaced all references to the IO_definitions excel file by “the device pinout IO
definition excel file”
Table 15: STRONG/FAST I/O output characteristics:
updated values for tTR_S for condition CL = 25 pF and CL = 50 pF
Table 16: VERY STRONG/VERY FAST I/O output characteristics
“tTR20-80” replaced by “tTR20-8_V”
“tTRTTL” replaced by “tTRTTL_V”
“
ΣtTR20-80” replaced by “ΣtTR20-80_V”
Section 3.9: Reset pad (PORST, ESR0) electrical characteristics
Table 18: Reset PAD electrical characteristics:
replaced reference to IO_definition excel file by "Refer to the device pin out IO
definition excel file"
Section 3.10: PLLs:
Table 20: PLL0 electrical characteristics:
|ΔPLL0PHI0SPJ|: changed “T” by “D” and added pk-pk to Conditions value
|ΔPLL0PHI1SPJ|: added pk-pk to Conditions value
Added “fINFIN”
Table 21: PLL1 electrical characteristics:
Added “fINFIN”
Table 20: PLL0 electrical characteristics and Table 21: PLL1 electrical
characteristics:
Symbol “fINFIN” : changed “C” by “—” in column “C”
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com