Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSSBY Datasheet(PDF) 153 Page - STMicroelectronics

Part # SPC584N80C3RSSBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSSBY Datasheet(HTML) 153 Page - STMicroelectronics

Back Button SPC584N80C3RSSBY Datasheet HTML 149Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 150Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 151Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 152Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 153Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 154Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 155Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 156Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 158 page
background image
DS11734 Rev 6
153/158
SPC584Nx, SPC58ENx, SPC58NNx
Revision history
157
12-Mar-2018
4 (cont’)
Section 3.11: Oscillators:
Table 22: External 40 MHz oscillator electrical specifications:changed “i.e.” by
“that is” in note “Amplitude on the EXTAL...
Changed table footnote 3 by: This value is determined by the crystal
manufacturer and board design, and it can potentially be higher than the
maximum provided.
Section 3.12: ADC system
Removed reference to KGD.
Table 24: ADC pin specification:
updated Max value for CS
updated Max value for CS
For parameter CP2, updated the max value from “1” to “2”.
Added electrical specification for R20KΩ symbol.
changed Max value = 1 by 2 for Cp2 SARB channels
Table 25: SARn ADC electrical specification:
added symbols tADCINIT and tADCBIASINIT
column “C” splitted and added “D” for IADV_S
Table 26: ADC-Comparator electrical specification:
column “C” splitted and added “D” for IADV_S
Added “ADC comparator mode” condition to the following two parameters:
IADCREFH Min: - and Max: 19.5 µA
IADCREFL Min: - and Max: 20.5 µA
Section 3.14: LFAST pad electrical characteristics
Figure 9: LFAST and MSC/DSPI LVDS timing definition:
Updated figure
Section 3.16: Power management
Changed “flash” by “Flash”
Table 38: External components integration:
For parameter CS1_B, replaced “HV supply” with “LV supply” in parameter
description column.
Removed reference to KGD.
Section 3.16.1: Power management integration: added sentence “It is
recommended...device itself” for all devices
Figure 14: SMPS Regulator Mode:
figure updated and footnote added
Table 41: SMPS Regulator specifications:
For “
ΔIDDSMPS” updated the Min and Max values. Added a table footnote.
Section 3.17: Flash memory
Table 44: Flash memory program and erase specifications (Continued):
Updated
Table 45: Flash memory Life Specification:
Updated
Section 3.18: AC Specifications
Table 69: CAN timing:
Removed parameter tPLP(RX:TX).
added columns for “CC” and “D”
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com