Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSSBY Datasheet(PDF) 156 Page - STMicroelectronics

Part # SPC584N80C3RSSBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSSBY Datasheet(HTML) 156 Page - STMicroelectronics

Back Button SPC584N80C3RSSBY Datasheet HTML 150Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 151Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 152Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 153Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 154Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 155Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 156Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 157Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 158Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 158 page
background image
Revision history
SPC584Nx, SPC58ENx, SPC58NNx
156/158
DS11734 Rev 6
04-June-2019
5 (Cont’)
Section 3.12.4: S/D ADC electrical specification:
– Minor format and editorial changes.
– Added note.
– Table 27: SDn ADC electrical specification:
Updated Max value before calibration for VOFFSET, IBIAS, IADV_D.
Updated footnote “S/D ADC is functional...”.
Added footnote “The absolute value...” for
|δGAIN|.
Added one line with Tj < 165°C for |δGAIN| and ΣIADR_D.
Updated Min value for Vcmrr.
Section 3.12.5: SD ADC filter modes
– Updated paragraph “In Bypass FIR mode...”.
– Removed Table 30: Digital output codes in full scale Bypass FIR mode.
– Added Table 29: Digital output codes in full scale.
Section 3.14: LFAST pad electrical characteristics
– Table 31: LVDS pad startup and receiver electrical characteristics,:
Updated footnote #12 starting with “Value valid for LFAST mode...” with new
sentence containing DSPI mode related data.
Removed the last sentence of Note “Total internal capacitance...”.
Section 3.16: Power management
– Table 38: External components integration:
Added unit to Max value for Cs2 and Cs1_A.
Updated Conditions for CBV.
– Table 41: SMPS Regulator specifications:
Changed condition for IDDSMPS.
– Table 42: Voltage monitor electrical characteristics: added footnote “Even if
LVD/HVD ...”.
Section 3.17: Flash memory
– Table 43: Wait State configuration: changed the minimum frequency from 40
to 55 MHz for APC=001.
Section 3.18: AC Specifications
– Table 47: Nexus debug port timing:
Updated Min values for tTCYC Absolute minimum TCK cycle time.
Updated Max value on line 15.
– Figure 20: Nexus output timing: deleted this figure.
– Section 3.18.3.7: RMII transmit signal timing (TXD[1:0], TX_EN): added Note
“RMII transmit ... as 1ns”.
Chapter 4: Package information
Minor format changes.
Section 4.1: eLQFP176 package information: updated section according latest
POA.
– Figure 52: FPBGA292 package outline: Minor format changes.
Section 4.3: Package thermal characteristics:
– Minor formatting changes.
– Table 77: Thermal characteristics for 176 exposed pad LQFP package:
updated values for
RθJA, RθJCtop, RθJMA and RθJB .
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com