Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

85222AMLF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 85222AMLF
Description  Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85222AMLF Datasheet(HTML) 3 Page - Renesas Technology Corp

  85222AMLF Datasheet HTML 1Page - Renesas Technology Corp 85222AMLF Datasheet HTML 2Page - Renesas Technology Corp 85222AMLF Datasheet HTML 3Page - Renesas Technology Corp 85222AMLF Datasheet HTML 4Page - Renesas Technology Corp 85222AMLF Datasheet HTML 5Page - Renesas Technology Corp 85222AMLF Datasheet HTML 6Page - Renesas Technology Corp 85222AMLF Datasheet HTML 7Page - Renesas Technology Corp 85222AMLF Datasheet HTML 8Page - Renesas Technology Corp 85222AMLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
REVISION C 5/7/15
85222 DATA SHEET
3
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
LVHSTL TRANSLATOR
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±5%, VDD = 2.5V±5%, T
A
= 0°C TO 70°C
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = 3.3V±5%, VDD = 2.5V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Positive Supply Voltage
3.135
3.3
3.465
V
V
DD
Positive Supply Voltage
2.375
2.5
2.625
V
I
DD
Power Supply Current
45
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
CLK0, CLK1
2
V
DD + 0.3
V
V
IL
Input Low Voltage
CLK0, CLK1
-0.3
1.3
V
I
IH
Input High Current
CLK0, CLK1
V
DD = VIN = 3.465V,
V
DD = VIN = 2.625V
150
µA
I
IL
Input Low Current
CLK0, CLK1
V
DD = VIN = 3.465V,
V
DD = VIN = 2.625V
-5
µA
TABLE 3C. LVHSTL DC CHARACTERISTICS, V
DD = 3.3V±5%, VDD = 2.5V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
1
1.2
V
V
OL
Output Low Voltage; NOTE 1
V
DD = 3.3V ± 5%
0
0.4
V
V
DD = 2.5V ± 5%
0
0.55
V
V
SWING
Peak-to-Peak Output Voltage Swing
V
DD = 3.3V ± 5%
0.6
1.2
V
V
DD = 2.5V ± 5%
0.45
1.2
V
NOTE 1: Outputs terminated with 50
Ω to GND.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com