Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

85222AMLF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 85222AMLF
Description  Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85222AMLF Datasheet(HTML) 4 Page - Renesas Technology Corp

  85222AMLF Datasheet HTML 1Page - Renesas Technology Corp 85222AMLF Datasheet HTML 2Page - Renesas Technology Corp 85222AMLF Datasheet HTML 3Page - Renesas Technology Corp 85222AMLF Datasheet HTML 4Page - Renesas Technology Corp 85222AMLF Datasheet HTML 5Page - Renesas Technology Corp 85222AMLF Datasheet HTML 6Page - Renesas Technology Corp 85222AMLF Datasheet HTML 7Page - Renesas Technology Corp 85222AMLF Datasheet HTML 8Page - Renesas Technology Corp 85222AMLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
LVHSTL TRANSLATOR
85222 DATA SHEET
4
REVISION C 5/7/15
TABLE 4A. AC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
350
MHz
t
PD
Propagation Delay; NOTE 1
ƒ
≤ 350MHz
750
950
1150
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
350
ps
t
R
Output Rise Time
20% to 80%
150
800
ps
t
F
Output Fall Time
20% to 80%
150
800
ps
odc
Output Duty Cycle
ƒ
≤ 150MHz
48
52
%
150 < ƒ
≤ 250MHz
47
53
%
250 < ƒ
≤ 350MHz
45
55
%
NOTE 1: Measured from V
DD/2 of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
TABLE 4B. AC CHARACTERISTICS, V
DD = 2.5V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
350
MHz
t
PD
Propagation Delay; NOTE 1
ƒ
≤ 350MHz
850
1075
1300
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
450
ps
t
R
Output Rise Time
20% to 80%
150
800
ps
t
F
Output Fall Time
20% to 80%
150
800
ps
odc
Output Duty Cycle
ƒ
≤ 150MHz
45
55
%
150 < ƒ
≤ 350MHz
40
60
%
NOTE 1: Measured from V
DD/2 of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com