Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

85222AMLF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 85222AMLF
Description  Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85222AMLF Datasheet(HTML) 5 Page - Renesas Technology Corp

  85222AMLF Datasheet HTML 1Page - Renesas Technology Corp 85222AMLF Datasheet HTML 2Page - Renesas Technology Corp 85222AMLF Datasheet HTML 3Page - Renesas Technology Corp 85222AMLF Datasheet HTML 4Page - Renesas Technology Corp 85222AMLF Datasheet HTML 5Page - Renesas Technology Corp 85222AMLF Datasheet HTML 6Page - Renesas Technology Corp 85222AMLF Datasheet HTML 7Page - Renesas Technology Corp 85222AMLF Datasheet HTML 8Page - Renesas Technology Corp 85222AMLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
REVISION C 5/7/15
85222 DATA SHEET
5
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
LVHSTL TRANSLATOR
PARAMETER MEASUREMENT INFORMATION
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
PART-TO-PART SKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com