Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321T/D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # DSP56321T/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D Datasheet(HTML) 3 Page - NXP Semiconductors

  DSP56321T/D Datasheet HTML 1Page - NXP Semiconductors DSP56321T/D Datasheet HTML 2Page - NXP Semiconductors DSP56321T/D Datasheet HTML 3Page - NXP Semiconductors DSP56321T/D Datasheet HTML 4Page - NXP Semiconductors DSP56321T/D Datasheet HTML 5Page - NXP Semiconductors DSP56321T/D Datasheet HTML 6Page - NXP Semiconductors DSP56321T/D Datasheet HTML 7Page - NXP Semiconductors DSP56321T/D Datasheet HTML 8Page - NXP Semiconductors DSP56321T/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
iii
DSP56321T Features
High-Performance DSP56300 Core
• 220/240 million multiply-accumulates per second (MMACS) (440/480 MMACS using the EFCOP in
filtering applications) with a 220/240 MHz clock at 1.6 V core and 3.3 V I/O and a junction
temperature range of 0–85°C
• Object code compatible with the DSP56000 core with highly parallel instruction set
• Data Arithmetic Logic Unit (Data ALU) with fully pipelined 24
× 24-bit parallel
Multiplier-Accumulator (MAC), 56-bit parallel barrel shifter (fast shift and normalization; bit stream
generation and parsing), conditional ALU instructions, and 24-bit or 16-bit arithmetic support under
software control
• Program Control Unit (PCU) with Position Independent Code (PIC) support, addressing modes
optimized for DSP applications (including immediate offsets), on-chip instruction cache controller,
on-chip memory-expandable hardware stack, nested hardware DO loops, and fast auto-return interrupts
• Direct Memory Access (DMA) with six DMA channels supporting internal and external accesses;
one-, two-, and three-dimensional transfers (including circular buffering); end-of-block-transfer
interrupts; and triggering from interrupt lines and all peripherals
• Phase Lock Loop (PLL) allows change of low-power Divide Factor (DF) without loss of lock and
output clock with skew elimination
• Hardware debugging support including On-Chip Emulation (OnCE
™) module, Joint Test Action
Group (JTAG) Test Access Port (TAP)
Enhanced Filtering Coprocessor (EFCOP)
•On-chip 24
× 24-bit filtering and echo-cancellation coprocessor that runs in parallel to the DSP core
• Operation at the same frequency as the core (up to 220/240 MHz)
• Support for a variety of filter modes, some of which are optimized for cellular base station applications:
— Real Finite Impulse Response (FIR) with real taps
— Complex FIR with complex taps
— Complex FIR generating pure real or pure imaginary outputs alternately
— A 4-bit decimation factor in FIR filters, thus providing a decimation ratio up to 16
— Direct form 1 (DFI) Infinite Impulse Response (IIR) filter
— Direct form 2 (DFII) IIR filter
— Four scaling factors (1, 4, 8, 16) for IIR output
— Adaptive FIR filter with true least mean square (LMS) coefficient updates
— Adaptive FIR filter with delayed LMS coefficient updates
On-Chip Peripherals
• Enhanced DSP56000-like 8-bit parallel host interface (HI08) supports a variety of buses (for example,
ISA) and provides glueless connection to a number of industry-standard microcomputers,
microprocessors, and DSPs
• Two enhanced synchronous serial interfaces (ESSI), each with one receiver and three transmitters
(allows six-channel home theater)
• Serial communications interface (SCI) with baud rate generator
• Triple timer module
• Up to 34 programmable general-purpose input/output (GPIO) pins, depending on which peripherals are
enabled
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com