Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321T/D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # DSP56321T/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 5Page - NXP Semiconductors DSP56321T/D Datasheet HTML 6Page - NXP Semiconductors DSP56321T/D Datasheet HTML 7Page - NXP Semiconductors DSP56321T/D Datasheet HTML 8Page - NXP Semiconductors DSP56321T/D Datasheet HTML 9Page - NXP Semiconductors DSP56321T/D Datasheet HTML 10Page - NXP Semiconductors DSP56321T/D Datasheet HTML 11Page - NXP Semiconductors DSP56321T/D Datasheet HTML 12Page - NXP Semiconductors DSP56321T/D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
1-3
Power
1.2 Power
1.3 Ground
1.4 Clock
Table 1-2. Power Inputs
Power Name
Description
VCCQL
Quiet Core (Low) Power—An isolated power for the core processing and clock logic. This
input must be isolated externally from all other chip power inputs.
VCCQH
Quiet External (High) Power—A quiet power source for I/O lines. This input must be tied
externally to all other chip power inputs
, except VCCQL.
VCCA
Address Bus Power—An isolated power for sections of the address bus I/O drivers. This
input must be tied externally to all other chip power inputs,
except VCCQL.
VCCD
Data Bus Power—An isolated power for sections of the data bus I/O drivers. This input must
be tied externally to all other chip power inputs,
except VCCQL.
VCCC
Bus Control Power—An isolated power for the bus control I/O drivers. This input must be
tied externally to all other chip power inputs,
except VCCQL.
VCCH
Host Power—An isolated power for the HI08 I/O drivers. This input must be tied externally to
all other chip power inputs,
except VCCQL.
VCCS
ESSI, SCI, and Timer Power—An isolated power for the ESSI, SCI, and timer I/O drivers.
This input must be tied externally to all other chip power inputs,
except VCCQL.
Note: The user must provide adequate external decoupling capacitors for all power connections.
Table 1-3. Grounds
Ground
Name
Description
GND
Ground—Connected to an internal device ground plane.
Note: The user must provide adequate external decoupling capacitors for all GND connections.
Table 1-4. Clock Signals
Signal
Name
Type
State
During
Reset
Signal Description
EXTAL
Input
Input
External Clock/Crystal Input—Interfaces the internal crystal oscillator
input to an external crystal or an external clock.
XTAL
Output
Chip-driven
Crystal Output—Connects the internal crystal oscillator output to an
external crystal. If an external clock is used, leave XTAL unconnected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com