Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321T/D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DSP56321T/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D Datasheet(HTML) 5 Page - NXP Semiconductors

  DSP56321T/D Datasheet HTML 1Page - NXP Semiconductors DSP56321T/D Datasheet HTML 2Page - NXP Semiconductors DSP56321T/D Datasheet HTML 3Page - NXP Semiconductors DSP56321T/D Datasheet HTML 4Page - NXP Semiconductors DSP56321T/D Datasheet HTML 5Page - NXP Semiconductors DSP56321T/D Datasheet HTML 6Page - NXP Semiconductors DSP56321T/D Datasheet HTML 7Page - NXP Semiconductors DSP56321T/D Datasheet HTML 8Page - NXP Semiconductors DSP56321T/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
v
Target Applications
DSP56321/DSP56321T applications require high performance, low power, small packaging, and a large
amount of on-chip memory. The EFCOP can accelerate general filtering applications. Examples include:
• Wireless and wireline infrastructure applications
• Multi-channel wireless local loop systems
• Security encryption systems
• Home entertainment systems
• DSP resource boards
• High-speed modem banks
• IP telephony
Product Documentation
The three documents listed in the following table are required for a complete description of the
DSP56321T and are necessary to design properly with the part. Documentation is available from the
following sources. (See the back cover for details.)
• A local Motorola distributor
• A Motorola semiconductor sales office
• A Motorola Literature Distribution Center
• The World Wide Web (WWW)
Note:
To ensure that you have the latest documentation for designing your application, click on the
Subscribe for Updates option under Page Contents on the DSP56321 Product Page. Once
registered, you will receive periodic notification via email when the product documentation is
updated.
Table 1. DSP56321T Documentation
Name
Description
Order Number
DSP56300 Family
Manual
Detailed description of the DSP56300 family processor core and
instruction set
DSP56300FM/AD
DSP56321
Reference Manual
Detailed functional description of the DSP56321 memory
configuration, operation, and register programming
Note:
The DSP56321T is functionally identical to the
DSP56321 with the exception of operating temperature
range.
DSP56321RM/D
DSP56321T
Technical Data
DSP56321T features list and physical, electrical, timing, and
package specifications
DSP56321T/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com