Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP0061AS2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0061AS2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP0061AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HIP0061
FN3982 Rev 0.00
Page 4 of 10
December 1997
FIGURE 1C. 125oC SAFE-OPERATING AREA CURVE
FIGURE 2. UNCLAMPED INDUCTIVE-SWITCHING
FIGURE 3. TYPICAL SATURATION CHARACTERISTICS
FIGURE 4. TYPICAL TRANSFER CHARACTERISTICS
FIGURE 5. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 6. NORMALIZED BVDSS vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
0.1
10
10
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
s
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
100
10ms
1ms
100
s
DC
100ms
1
TC = 125oC
TJ = MAX RATED
tAV, TIME IN AVALANCHE (ms)
1
0.01
1.0
0.1
5
10
50
0.001
STARTING TJ = 125oC
STARTING TJ = 25oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
2
4
6
8
10
0
2.5
5.0
7.5
10.0
VGS = 4V
VGS = 5V
PULSE DURATION = 300
s, TC = 25oC
VGS = 10V
VGS = 8V
VGS = 6V
0
2
4
6
8
10
0
5
10
15
20
VGS, GATE TO SOURCE VOLTAGE (V)
VDS = 15V
25oC
-40oC
125oC
TJ, JUNCTION TEMPERATURE (oC)
0
0.5
1.0
1.5
2.0
2.5
-75
-25
25
75
125
175
PULSE DURATION = 300
s, VGS = 10V, ID = 3.5A
TJ, JUNCTION TEMPERATURE (oC)
-75
-25
25
75
125
175
0.8
0.9
1.0
1.1
1.2
ID = 100A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com