Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP0061AS2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0061AS2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP0061AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 9Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HIP0061
FN3982 Rev 0.00
Page 9 of 10
December 1997
E
C2
A
L2
D
L
b
L1
c
D1
E1
0.350
0.609
-A-
-C-
0.006
-B-
0.004
0.00 - 0.0098
BACK VIEW
0.450
LAND PATTERN
0.010 (0.25)
B A
M
M C M
e
(0.15)
HEATSLUG
PLANE
(0.00 - 0.25)
(0.10)
(15.46)
MIN
(11.43) MIN
(8.89)
MIN
0.129
(3.27)
TYP
0.030
(0.76)
TYP
e
PIN
#1
0o- 8o
L3
Single-In-Line Plastic Packages (SIP)
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-169AC, Issue A.
2. Controlling dimension: Inch.
3. Dimensioning and tolerance per ANSI Y14.5M-1982.
4. Gauge plane L3 is parallel to heatslug plane.
5. Dimensions include lead finish.
6. Leads are not allowed above the datum
.
7. Dimension “b” does not include dambar protrusion. Allowable
dambar protrusion shall not cause the lead width to exceed the
maximum “b” by more than 0.003’’ (0.08mm).
Z7.05B
7 LEAD PLASTIC SINGLE-IN-LINE PACKAGE SURFACE MOUNT
“GULLWING” LEAD FORM
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.170
0.180
4.32
4.57
-
C2
0.048
0.055
1.22
1.39
5
D
0.350
0.370
8.89
9.39
-
E
0.395
0.405
10.04
10.28
-
D1
0.310
-
7.88
-
-
E1
0.310
-
7.88
-
-
L
0.549
0.569
13.95
14.45
-
L1
0.068
0.088
1.72
2.24
-
L2
0.045
0.055
1.15
1.40
-
L3
0.030 BSC
0.76 BSC
4
b
0.028
0.034
0.71
0.86
5, 6, 7
c
0.018
0.024
0.46
0.60
5
e
0.050 BSC
1.27 BSC
-
Rev. 2 12/95
-B-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com