Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP0061AS2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0061AS2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP0061AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN3982 Rev 0.00
Page 1 of 10
December 1997
FN3982
Rev 0.00
December 1997
HIP0061
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
DATASHEET
Features
• Three 3.5A Power MOS N-Channel Transistors
• Output Voltage to 60V
•rDS(ON). . . . . . 0.225 Max Per Transistor at VGS = 10V
• Pulsed Current . . . . . . . . . . . . . . . 10A Each Transistor
• Avalanche Energy. . . . . . . . . . . 100mJ Each Transistor
• Grounded Tab Eliminates Heat Sink Isolation
Applications
• Automotive
•Appliance
• Industrial Control
• Robotics
• Relay, Solenoid, Lamp Drivers
Description
The HIP0061 is a power MOSFET array that consists of
three matched N-Channel enhancement mode MOS transis-
tors connected in a common source configuration. The
advanced Intersil PASIC2 process technology used in this
product utilizes efficient geometries that provides outstand-
ing device performance and ruggedness.
The HIP0061 is designed to integrate three power devices in
one chip thus providing board layout area and heat sink sav-
ings for applications such as Motor Controls, Lamps,
Solenoids and Resistive Loads.
Symbol
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP0061AS1
-40 to 125
7 Ld Staggered
Vertical SIP
Z7.05C
HIP0061AS2
-40 to 125
7 Ld Gullwing SIP Z7.05B
DRAIN3
GATE3
DRAIN1
GATE1
DRAIN2
SOURCE, TAB
GATE2
4
1
2
3
5
6
7
Pinouts
HIP0061AS1
(SIP - VERTICAL)
TOP VIEW
HIP0061AS2
(SIP - GULLWING)
TOP VIEW
7 DRAIN3
6GATE3
5 DRAIN2
4 SOURCE
3GATE2
2 DRAIN1
1GATE 1
TAB
TAB (SOURCE) INTERNALLY CONNECTED TO PIN 4
TAB (SOURCE) INTERNALLY CONNECTED TO PIN 4
7 DRAIN3
6GATE3
5 DRAIN2
4 SOURCE
3GATE2
2 DRAIN1
1GATE 1
TAB


Similar Part No. - HIP0061AS2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0061AS2 INTERSIL-HIP0061AS2 Datasheet
60Kb / 9P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results

Similar Description - HIP0061AS2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
Intersil Corporation
HIP0061 INTERSIL-HIP0061 Datasheet
60Kb / 9P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
logo
Texas Instruments
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Rohm
RQ6L035AT ROHM-RQ6L035AT Datasheet
2Mb / 14P
Pch -60V -3.5A Power MOSFET
logo
Pan Jit International I...
PJT7605-AU PANJIT-PJT7605-AU Datasheet
776Kb / 9P
60V Complementary Enhancement Mode MOSFET – ESD Protected
November 5,2021
2N7002KW-AU PANJIT-2N7002KW-AU Datasheet
629Kb / 6P
60V N-Channel Enhancement Mode MOSFET – ESD Protected
October 27,2017-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com