Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJK1002DPP-A0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK1002DPP-A0
Description  N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1002DPP-A0 Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK1002DPP-A0 Datasheet HTML 1Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 2Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 3Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 4Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 5Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 6Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK1002DPP-A0
Preliminary
R07DS1445EJ0101 Rev.1.01
Page 6 of 6
2020.1.9
Package Dimensions
MASS (Typ) [g]
1.65
Unit: mm
RENESAS Code
PRSS0003AP-A
Previous Code
TO-220FPA
JEITA Package Code
—
Package Name
TO-220FPA
10.0±0.3
2.7±0.2
0.745±0.2
0.395±0.2
1.14±0.2
0.69±0.15
2.54±0.25
2.54±0.25
3.2±0.2
φ
3.2±0.2
0.60 +0.19
−0.11
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJK1002DPP-A0-T2
50 pcs
Magazine (Tube)
Note: The symbol of 2nd "-" is occasionally presented as "#".



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com