Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJK1002DPP-A0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK1002DPP-A0
Description  N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1002DPP-A0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK1002DPP-A0 Datasheet HTML 1Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 2Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 3Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 4Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 5Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 6Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS1445EJ0101 Rev.1.01
Page 1 of 6
2020.1.9
Preliminary Datasheet
RJK1002DPP-A0
N-Channel MOSFET
100 V, 70 A, 7.6 mΩ
Features
•
High speed switching
•
Low drive current
•
Low on-resistance RDS(on) = 6.0 mΩ typ. (at VGS = 10 V)
•
Package TO-220FPA
•
Quality Grade : Standard
Outline
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
100
V
Gate to source voltage
VGSS
±20
V
Drain current
ID Note1
70
A
Drain peak current
ID (pulse) Note2
210
A
Body-drain diode reverse drain current
IDR
70
A
Avalanche current
IAP Note3
35
A
Avalanche energy
EAS Note3
123
mJ
Channel dissipation
Pch Note1
30
W
Channel temperature
Tch
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Note: Continuous heavy condition (e.g. high temperature/voltage/current or high variation of temperature) may affect a
reliability even if it is within the absolute maximum ratings. Please consider derating condition for appropriate
reliability in reference Renesas Semiconductor Reliability Handbook (Recommendation for Handling and Usage of
Semiconductor Devices) and individual reliability data.
Notes: 1. Tc = 25°C
2. PW ≤ 10 µs, duty cycle ≤ 1%
3. Value at L = 100 µH, Tch = 25°C, Rg ≥ 50 Ω,
R07DS1445EJ0101
Rev.1.01
2020.1.9
(Package name:TO-220FPA)
Renesas Package code:PRSS0003AP-A
D
G
S
1 2
3
1.Gate
2.Drain
3.Souce


Similar Part No. - RJK1002DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPP-E0-T2 RENESAS-RJK1002DPP-E0-T2 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
More results

Similar Description - RJK1002DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1002DPN-E0 RENESAS-RJK1002DPN-E0 Datasheet
89Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPN-E0 RENESAS-RJK1002DPN-E0_15 Datasheet
89Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK0703DPN-A0 RENESAS-RJK0703DPN-A0 Datasheet
377Kb / 7P
N-Channel MOSFET 75 V, 70 A, 6.7 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
RJK1002DPN-A0 RENESAS-RJK1002DPN-A0 Datasheet
383Kb / 7P
N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
2020.1.9
logo
Nexperia B.V. All right...
BUK7Y7R6-40E NEXPERIA-BUK7Y7R6-40E Datasheet
742Kb / 13P
N-channel 40 V, 7.6 mΩ standard level MOSFET in LFPAK56
7 May 2013
BUK9Y7R6-40E NEXPERIA-BUK9Y7R6-40E Datasheet
769Kb / 13P
N-channel 40 V, 7.6 mΩ logic level MOSFET in LFPAK56
7 May 2013
PSMN8R0-40PS NEXPERIA-PSMN8R0-40PS Datasheet
727Kb / 14P
N-channel 40 V 7.6 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com