Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJK1002DPP-A0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK1002DPP-A0
Description  N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1002DPP-A0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK1002DPP-A0 Datasheet HTML 1Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 2Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 3Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 4Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 5Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 6Page - Renesas Technology Corp RJK1002DPP-A0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK1002DPP-A0
Preliminary
R07DS1445EJ0101 Rev.1.01
Page 2 of 6
2020.1.9
Thermal Impedance
Item
Symbol
Max. Value Note4
Unit
Channel to case thermal impedance
θ
ch-c
4.17
°
C/W
Notes : 4. This data is the designed target maximum value on Renesas’s measurement condition. (Not tested)
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
100
—
—
V
ID = 10mA, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
µ
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
µ
A
VDS = 100 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
2.0
—
4.0
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
—
6.0
7.6
mΩ
ID = 35 A, VGS = 10 V Note5
Forward transfer admittance
|yfs|
—
135
—
S
ID = 35 A, VD = 10 V Note5
Input capacitance
Ciss
—
6450
—
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Output capacitance
Coss
—
1000
—
pF
Reverse transfer capacitance
Crss
—
240
—
pF
Gate Resistance
Rg
—
1.5
—
Ω
Total gate charge
Qg
—
94
—
nC
VDD= 50 V
VGS = 10 V,
ID = 35 A
Gate to source charge
Qgs
—
33
—
nC
Gate to drain charge
Qgd
—
19
—
nC
Turn-on delay time
td(on)
—
40
—
ns
VGS = 10 V
ID = 35 A
VDD ≅ 30 V
Rg = 4.7 Ω
Rise time
tr
—
13
—
ns
Turn-off delay time
td(off)
—
80
—
ns
Fall time
tf
—
13
—
ns
Body-drain diode forward voltage
VDF
—
0.85
1.5
V
IF = 70 A, VGS = 0 Note5
Body-drain diode reverse recovery time
trr
—
65
—
ns
IF = 70 A, VGS = 0
diF/dt = 100 A/µs
Notes: 5. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com