Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X40410V8-C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X40410V8-C
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410V8-C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X40410V8-C Datasheet HTML 2Page - Renesas Technology Corp X40410V8-C Datasheet HTML 3Page - Renesas Technology Corp X40410V8-C Datasheet HTML 4Page - Renesas Technology Corp X40410V8-C Datasheet HTML 5Page - Renesas Technology Corp X40410V8-C Datasheet HTML 6Page - Renesas Technology Corp X40410V8-C Datasheet HTML 7Page - Renesas Technology Corp X40410V8-C Datasheet HTML 8Page - Renesas Technology Corp X40410V8-C Datasheet HTML 9Page - Renesas Technology Corp X40410V8-C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 6 of 24
March 28, 2005
Figure 5. VTRIPX Set/Reset Sequence (X = 1, 2)
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a volatile
latch that powers up in the LOW (disabled) state. While
the WEL bit is LOW, writes to any address, including any
control registers will be ignored (no acknowledge will be
issued after the Data Byte). The WEL bit is set by writing
a “1” to the WEL bit and zeros to the other bits of the
control register.
Once set, WEL remains set until either it is reset to 0 (by
writing a “0” to the WEL bit and zeros to the other bits of
the control register) or until the part powers up again.
Writes to the WEL bit do not cause a high voltage write
cycle, so the device is ready for the next operation
immediately after the stop condition.
VTRIPX Programming
Apply VCC and Voltage
Decrease VX
Actual VTRIPX -
Desired VTRIPX
DONE
Set Higher VX Sequence
Error < MDE–
| Error | < | MDE |
YES
NO
Error > MDE+
> Desired VTRIPX to VX
Desired
Present Value
VTRIPX
Execute
No
YES
Execute
VTRIPX Reset Sequence
Execute
Set Higher VTRIPX Sequence
New VX applied =
Old VX applied + | Error |
New VX applied =
Old VX applied - | Error |
Execute Reset VTRIPX
Sequence
Output Switches?
Note:
X = 1, 2
Let:
MDE = Maximum Desired Error
Vx = VCC, VxMON
MDE+
Desired Value
MDE–
Acceptable
Error Range
Error = Actual - Desired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com