Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X40410V8-C Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # X40410V8-C
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410V8-C Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button X40410V8-C Datasheet HTML 16Page - Renesas Technology Corp X40410V8-C Datasheet HTML 17Page - Renesas Technology Corp X40410V8-C Datasheet HTML 18Page - Renesas Technology Corp X40410V8-C Datasheet HTML 19Page - Renesas Technology Corp X40410V8-C Datasheet HTML 20Page - Renesas Technology Corp X40410V8-C Datasheet HTML 21Page - Renesas Technology Corp X40410V8-C Datasheet HTML 22Page - Renesas Technology Corp X40410V8-C Datasheet HTML 23Page - Renesas Technology Corp X40410V8-C Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 24 of 24
March 28, 2005
ORDERING INFORMATION
PART MARK INFORMATION
VCC
Range
VTRIP1 Range VTRIP2 Range
Package
Operating
Temperature
Range
Part Number
with RESET
Part Number
with RESET
2.9-5.5
4.6V±50mV
2.9V±50mV
8L SOIC
0oC - 70oC
X40410S8-A
X40411S8-A
-40oC - 85oC
X40410S8I-A
X40411S8I-A
8L TSSOP
0oC - 70oC
X40410V8-A
X40411V8-A
-40oC - 85oC
X40410V8I-A
X40411V8I-A
2.6-5.5
4.4V±50mV
2.6V±50mV
8L SOIC
0oC - 70oC
X40410S8-B
X40411S8-B
-40oC - 85oC
X40410S8I-B
X40411S8I-B
8L TSSOP
0oC - 70oC
X40410V8-B
X40411V8-B
-40oC - 85oC
X40410V8I-B
X40411V8I-B
1.7-3.6
2.9V±50mV
1.7V±50mV
8L SOIC
0oC - 70oC
X40410S8-C
X40411S8-C
-40oC - 85oC
X40410S8I-C
X40411S8I-C
8L TSSOP
0oC - 70oC
X40410V8-C
X40411V8-C
-40oC - 85oC
X40410V8I-C
X40411V8I-C
1.3-3.6
2.9V±50mV
1.3V±50mV
8L SOIC
0oC - 70oC
X40414S8-A
X40415S8-A
-40oC - 85oC
X40414S8I-A
X40415S8I-A
8L TSSOP
0oC - 70oC
X40414V8-A
X40415V8-A
-40oC - 85oC
X40414V8I-A
X40415V8I-A
1.3-3.6
2.6V±50mV
1.3V±50mV
8L SOIC
0oC - 70oC
X40414S8-B
X40415S8-B
-40oC - 85oC
X40414S8I-B
X40415S8I-B
8L TSSOP
0oC - 70oC
X40414V8-B
X40415V8-B
-40oC - 85oC
X40414V8I-B
X40415V8I-B
1.0-3.6
2.9V±50mV
1.0V±50mV
8L SOIC
0oC - 70oC
X40414S8-C
X40415S8-C
-40oC - 85oC
X40414S8I-C
X40415S8I-C
8L TSSOP
0oC - 70oC
X40414V8-C
X40415V8-C
-40oC - 85oC
X40414V8I-C
X40415V8I-C
8-Lead Package
X4041XX
YYWWXX
I – Industrial
0/1/4/5
Package - S/V
Blank – Commercial
WW – Workweek
YY – Year
A, B, or C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com