Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X40410V8-C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # X40410V8-C
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410V8-C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button X40410V8-C Datasheet HTML 4Page - Renesas Technology Corp X40410V8-C Datasheet HTML 5Page - Renesas Technology Corp X40410V8-C Datasheet HTML 6Page - Renesas Technology Corp X40410V8-C Datasheet HTML 7Page - Renesas Technology Corp X40410V8-C Datasheet HTML 8Page - Renesas Technology Corp X40410V8-C Datasheet HTML 9Page - Renesas Technology Corp X40410V8-C Datasheet HTML 10Page - Renesas Technology Corp X40410V8-C Datasheet HTML 11Page - Renesas Technology Corp X40410V8-C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 8 of 24
March 28, 2005
Figure 6. Valid Data Changes on the SDA Bus
At power-up, the Fault Detection Register is defaulted to
all “0”. The system needs to initialize this register to all
“1” before the actual monitoring take place. In the event
of any one of the monitored sources failed. The corre-
sponding bits in the register will change from a “1” to a
“0” to indicate the failure. At this moment, the system
should perform a read to the register and noted the
cause of the reset. After reading the register the system
should reset the register back to all “1” again. The state
of the Fault Detection Register can be read at any time
by performing a random read at address 0FFh, using the
special preamble.
The FDR can be read by performing a random read at
OFFh address of the register at any time. Only one byte
of data is read by the register read operation.
WDF, Watchdog Timer Fail Bit (Volatile)
The WDF bit will set to “0” when the WDO goes active.
LV1F, Low VCC Reset Fail Bit (Volatile)
The LV1F bit will be set to “0” when VCC (V1MON) falls
below VTRIP1.
LV2F, Low V2MON Reset Fail Bit (Volatile)
The LV2F bit will be set to “0” when V2MON falls below
VTRIP2.
SERIAL INTERFACE
Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data trans-
fers, and provides the clock for both transmit and receive
operations. Therefore, the devices in this family operate
as slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 6.
Serial Start Condition
All commands are preceded by the start condition, which
is a HIGH to LOW transition of SDA when SCL is HIGH.
The device continuously monitors the SDA and SCL
lines for the start condition and will not respond to any
command until this condition has been met. See Figure
6.
Serial Stop Condition
All communications must be terminated by a stop condi-
tion, which is a LOW to HIGH transition of SDA when SCL
is HIGH. The stop condition is also used to place the
device into the Standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus. (See Figure 6).
SCL
SDA
Data Stable
Data Change
Data Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com