Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8282MEVAL1Z Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL8282MEVAL1Z
Description  15A High Efficiency Hybrid Digital Step-Down Power Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8282MEVAL1Z Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL8282MEVAL1Z Datasheet HTML 34Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 35Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 36Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 37Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 38Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 39Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 40Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 41Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
FN9365 Rev.1.00
Page 38 of 51
Feb 14, 2019
ISL8282M
4. Functional Description
4.8
PGOOD Monitor
The PGOOD pin indicates when the converter is capable of supplying regulated voltage. PGOOD is asserted low if
there is a fault condition of a rail’s (VDD, PVCC, 7VLDO, or VIN) UVLO, output Overcurrent (OCP), output
Overvoltage (OVP), output Undervoltage (UVP), or Over-Temperature (OTP). Note: the PGOOD pin is an
undefined impedance with insufficient VDD (typically <2.5V).
4.9
PFM Mode Operation
In PFM mode, programmable by the PROG2 pin, the switching frequency is dramatically reduced to minimize the
switching loss and significantly improve light-load efficiency. The ISL8282M can achieve seamless transition
between PFM mode and PWM mode as load changes. For high VOUT applications, the LGATE might not turn on
long enough to charge the boot capacitor in PFM mode with 0A load. Renesas recommends enabling the
ISL8282M’s ultrasonic PFM feature, programmable by the PROG3 pin, which maintains the LGATE switching
frequency above 20kHz and keeps the boot capacitor charged for immediate load apply events. Alternatively,
maintaining a minimum load can enhance the boot capacitor charge.
4.10
SMBus, PMBus, and I2C Operation
The ISL8282M features SMBus, PMBus, and I2C with 32 programmable addresses through the PROG2 pin. The
SMBus/PMBus includes an Alert# line (SALERT) and Packet Error Check (PEC) to ensure data is properly
transmitted. The telemetry update rate is typically 108µs. The supported SMBus/PMBus/I2C addresses are
summarized in Table 11 on page 38. The 7-bit format address does not include the last bit (write and read): 40-47h,
60-67h, and 70-7Fh.
SMBus/PMBus/I2C allows the user to program the registers, as shown in Table 12 on page 42, except for
SMBus/PMBus/I2C addresses, 5.5ms (typical, worst 6.6ms) after all rails (VDD, PVCC, 7VLDO, and VIN) are
above POR. Figures 47 and 48 on page 39 show the initialization timing diagram for the serial bus with different
EN (Enable) pin states.
For proper operation, follow the SMBus, PMBus, and I2C protocol shown in Figure 49 on page 41. Note: the STOP
(P) bit is NOT allowed before the repeated START condition when reading the contents of a register.
When the device’s serial bus is not used, ground the device’s SCL, SDA, and SALERT pins and do not connect
them to the bus.
Table 11. SMBus/PMBus/I2C 7-Bit Format Address (Hex)
7-Bit Address
7-Bit Address
7-Bit Address
40
63
76
41
64
77
42
65
78
43
66
79
44
67
7A
45
70
7B
46
71
7C
47
72
7D
60
73
7E
61
74
7F
62
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com