Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8282MEVAL1Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8282MEVAL1Z
Description  15A High Efficiency Hybrid Digital Step-Down Power Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8282MEVAL1Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8282MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
FN9365 Rev.1.00
Page 13 of 51
Feb 14, 2019
ISL8282M
2. Specifications
Output Voltage Set-Point Accuracy
0.5V ≤ VOUT ≤ 0.75V, total variation
with line, load, and temperature
(-40°C ≤ TJ ≤ +125°C)
-12.5
+12.5
mV
0.75V ≤ VOUT ≤ 0.9V, total variation
with line, load, and temperature
(-40°C ≤ TJ ≤ +125°C)
-15
+15
mV
0.9V ≤ VOUT ≤ 5V, total variation with
line, load, and temperature
(-40°C ≤ TJ ≤ +125°C)
-1.5
+1.5
%
Line Regulation
∆
VOUT/
VOUT_SET
VOUT = 1V, VIN from 4.5V to 16.5V,
IL =0A
-1.2
+1.2
%
VOUT = 1.8V, VIN from 4.5V to 16.5V,
IL =0A
-1.2
+1.2
%
Load Regulation
∆
VOUT/
VOUT_SET
From 0A to 15A, VIN = 5V/12V,
VOUT =1V
-1.2
+1.2
%
From 0A to 15A, VIN = 5V/12V,
VOUT =1.8V
-1.2
+1.2
%
Output Ripple Voltage
VOUT(AC)
VIN = 12V, VOUT = 1V, IOUT = 15A,
4x220µF ceramic capacitor
8mVP-P
Dynamic Characteristics
Voltage Change of Positive Load
Step
VOUT_DP
Current slew rate = 2.5A/µs,
VIN = 12V, 4x220µF ceramic capacitor
VOUT = 1V, IOUT from 0A to 7.5A
10
mV
Voltage Change of Negative Load
Step
VOUT_DN
Current slew rate = 2.5A/µs,
VIN = 12V, 4x220µF ceramic capacitor
VOUT = 1V, IOUT from 7.5A to 0A
10
mV
Enable Input
EN High Threshold Voltage
VENTHR
0.81
0.84
0.87
V
EN Low Threshold Voltage
VENTHF
0.71
0.76
0.81
V
Channel Frequency
300kHz Configuration
PWM mode
255
300
340
kHz
400kHz Configuration
340
400
455
kHz
500kHz Configuration
425
500
565
kHz
600kHz Configuration
510
600
680
kHz
700kHz Configuration
600
700
790
kHz
850kHz Configuration
720
850
960
kHz
1000kHz Configuration
855
1000
1130
kHz
All typical specifications TA = +25°C, VIN = 12V, VIN1 = 12V, VOUT = 1V. Boldface limits apply across the junction temperature
range, -40°C to +125°C (Note 7), unless otherwise stated. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 8)Typ
Max
(Note 8)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com