Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8282MEVAL1Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8282MEVAL1Z
Description  15A High Efficiency Hybrid Digital Step-Down Power Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8282MEVAL1Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8282MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp ISL8282MEVAL1Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
FN9365 Rev.1.00
Page 21 of 51
Feb 14, 2019
ISL8282M
3. Typical Performance Curves
3.5
Derating Curves
Operating conditions: VIN = 12V, PWM mode. All of the following curves were plotted at TJ = +125°C. The derating curves were measured
on the evaluation board. For the test conditions, see Table 2 on page 9.
Figure 31. 0.6VOUT
Figure 32. 0.8VOUT
Figure 33. 1VOUT
Figure 34. 1.2VOUT
Figure 35. 1.8VOUT
Figure 36. 2.5VOUT
0
2
4
6
8
10
12
14
16
25
35
45
55
65
75
85
95
105
0LFM
200LFM
400LFM
0
2
4
6
8
10
12
14
16
25
35
45
55
65
75
85
95
105
Ambient Temperature
0LFM
200LFM
400LFM
0
2
4
6
8
10
12
14
16
25
35
45
55
65
75
85
95
105
0LFM
200LFM
400LFM
0
2
4
6
8
10
12
14
16
25
35
45
55
65
75
85
95
105
Ambient Temperature
0LFM
200LFM
400LFM
0
2
4
6
8
10
12
14
16
25
35
45
55
65
75
85
95
105
Ambient Temperature
0LFM
200LFM
400LFM
0
2
4
6
8
10
12
14
16
25
35
45
55
65
75
85
95
105
Ambient Temperature
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com