Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027SEHF/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL72027SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027SEHF/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL72027SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL72027SEH
FN8763 Rev 3.00
Page 6 of 19
August 16, 2016
Output Short-Circuit Current
IOSC
VCANH = -7V, CANL = OPEN, 3V  VCC  3.6V,
Figure 18
Full
-250
-100
-
mA
VCANH = +12V, CANL = OPEN, 3V  VCC  3.6V,
Figure 18
Full
-
0.4
1.0
mA
VCANL = -7V, CANH = OPEN, 3V  VCC  3.6V,
Figure 18
Full
-1.0
-0.4
-
mA
VCANL = +12V, CANH = OPEN, 3V  VCC  3.6V,
Figure 18
Full
-
100
250
mA
Thermal Shutdown
Temperature
TSHDN
3V < VIN < 3.6V
-
-
163
-
°C
Thermal Shutdown Hysteresis
THYS
3V < VIN < 3.6V
-
-
12
-
°C
RECEIVER ELECTRICAL CHARACTERISTICS
Input Threshold Voltage (Rising) VTHR
RS = 0V, 10k, 50k, (recessive to dominant),
Figures 14 and 15
Full
-
750
900
mV
Input Threshold Voltage (Falling) VTHF
RS = 0V, 10k, 50k, (dominant to recessive),
Figures 14 and 15
Full
500
650
-
mV
Input Hysteresis
VHYS
(VTHR - VTHF), RS = 0V, 10k, 50k, Figures 14 and 15 Full
40
90
-
mV
Listen Mode Input Threshold
Voltage (Rising)
VTHRLM
RS = VCC, (recessive to dominant), Figure 14
Full
-
920
1150
mV
Listen Mode Input Threshold
Voltage (Falling)
VTHFLM
RS = VCC, (dominant to recessive), Figure 14
Full
525
820
-
mV
Listen Mode Input Hysteresis
VHYSLM
(VTHR - VTHF), RS = VCC, Figure 14
Full
50
100
-
mV
Receiver Output High Voltage
VOH
IO = -4mA
Full
2.4
VCC - 0.2
-
V
Receiver Output Low Voltage
VOL
IO = +4mA
Full
-
0.2
0.4
V
Input Current for CAN Bus
ICAN
CANH or CANL at 12V, D = 3V, other bus pin at 0V,
RS = 0V
Full
-
420
500
µA
CANH or CANL at 12V, D = 3V, VCC = 0V, other bus
pin at 0V, RS = 0V
Full
-
150
250
µA
CANH or CANL at -7V, D = 3V, other bus pin at 0V,
RS = 0V
Full
-400
-300
-
µA
CANH or CANL at -7V, D = 3V, VCC = 0V, other bus pin
at 0V, RS = 0V
Full
-150
-85
-
µA
Input Capacitance
(CANH or CANL)
CIN
Input to GND, D = 3V, RS = 0V
25
-
35
-
pF
Differential Input Capacitance
CIND
Input to Input, D = 3V, RS = 0V
25
-
15
-
pF
Input Resistance
(CANH or CANL)
RIN
Input to GND, D = 3V, RS = 0V
Full
20
40
50
kΩ
Differential Input Resistance
RIND
Input to Input, D = 3V, RS = 0V
Full
40
80
100
kΩ
SUPPLY CURRENT
Supply Current, Listen Mode
ICC(L)
RS = D = VCC, 3V VCC  3.6V
Full
-
1
2
mA
Supply Current, Dominant
ICC(DOM)
D = RS = 0V, no load, 3V
 VCC  3.6V
Full
-
5
7
mA
Supply Current, Recessive
ICC(REC)
D = VCC, RS = 0V, no load, 3V  VCC  3.6V
Full
-
2.6
5.0
mA
COLD SPARING BUS CURRENT
CANH Leakage Current
IL(CANH)
VCC = 0.2V, CANH = -7V or 12V, CANL = float,
D = VCC, RS = 0V
Full
-25
-4
25
µA
CANL Leakage Current
IL(CANL)
VCC = 0.2V, CANL = -7V or 12V, CANH = float,
D = VCC, RS = 0V
Full
-25
-4
25
µA
VREF Leakage Current
IL(VREF)
VCC = 0.2V, VREF = -7V or 12V, D = VCC
Full
-25.00
0.01
25.00
µA
Electrical Specifications Test Conditions: VCC = 3V to 3.6V; Typicals are at TA = +25°C (Note 7); unless otherwise specified (Note 5).
Boldface limits apply across the operating temperature range, -55°C to +125°C or across a total ionizing dose of 75krad(Si) at +25°C with exposure at
a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com