Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027SEHF/PROTO Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL72027SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027SEHF/PROTO Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL72027SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL72027SEH
FN8763 Rev 3.00
Page 10 of 19
August 16, 2016
FIGURE 16A. TOTAL LOOP DELAY TEST CIRCUIT
FIGURE 16B. TOTAL LOOP DELAY MEASUREMENT POINTS
FIGURE 16. TOTAL LOOP DELAY
FIGURE 17A. LISTEN TO VALID DOMINANT TIME CIRCUIT
FIGURE 17B. LISTEN TO VALID DOMINANT TIME MEASUREMENT
POINTS
FIGURE 17. LISTEN TO VALID DOMINANT TIME
FIGURE 18A. OUTPUT SHORT-CIRCUIT CURRENT CIRCUIT
FIGURE 18B. OUTPUT SHORT-CIRCUIT CURRENT WAVEFORMS
FIGURE 18. OUTPUT SHORT-CIRCUIT
Test Circuits and Waveforms (Continued)
0Ω,10kΩ,50kΩ
60Ω
CAN H
CAN L
GND
RS
VREF
D
R
VO
VIN
15pF ±20%
VIN = 125kHz, Duty Cycle 50%, tr = tf ≤ 6ns
±1%
FLOAT
t(LOOP2)
50%
50%
50%
50%
t(LOOP1)
VIN
VO
VCC
0V
VOH
VOL
D
VREF
RS
R
CAN_L
CAN_H
GND
VOD
60Ω
VIN
15pF ±20%
FLOAT
±1%
VO
VIN = 125kHz, 0V to VCC, Duty Cycle 50%, tr = tf ≤ 6ns
50%
VIN
VO
VCC
0V
VOH
VOL
t L - DOM
50%
D
CANH
CANL
GND
GND
+
-
VIN = -7V
OR 12V
IO(SRT)
IO(SRT)
|IO(SRT)|
0A
0V
VIN
VIN
12V
-7V
10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com