Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027SEHX/SAMPLE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL72027SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027SEHX/SAMPLE Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL72027SEHX/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL72027SEH
FN8763 Rev 3.00
Page 3 of 19
August 16, 2016
Pin Configuration
ISL72027SEH
(8 LD CERAMIC FLATPACK)
TOP VIEW
D
GND
VCC
R
RS
CANH
CANL
VREF
8
7
6
5
2
3
4
1
Note: The package lid is tied to ground.
Pin Descriptions
PIN
NUMBER
PIN
NAME
FUNCTION
1
D
CAN driver digital input. The bus states are LOW = dominant and HIGH = recessive. Internally tied HIGH.
2
GND
Ground connection.
3
VCC
System power supply input (3.0V to 3.6V). The typical voltage for the device is 3.3V.
4
R
CAN data receiver output. The bus states are LOW = dominant and HIGH = recessive.
8
RS
A resistor to GND from this pin controls the rise and fall time of the CAN output waveform. Drive RS HIGH to put into listen mode.
7
CANL
CAN bus line for low level output.
6
CANH
CAN bus line for high level output.
5
VREF
VCC/2 reference output for split mode termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com