Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027SEHX/SAMPLE Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL72027SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027SEHX/SAMPLE Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL72027SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 13Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 14Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 15Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 16Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 17Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 18Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ISL72027SEH
FN8763 Rev 3.00
Page 16 of 19
August 16, 2016
Die Characteristics
Die Dimensions
2413µm x 3322µm (95 mils x 130.79 mils)
Thickness: 305µm ±25µm (12 mils ±1 mil)
Interface Materials
GLASSIVATION
Type: 12kÅ Silicon Nitride on 3kÅ Oxide
TOP METALLIZATION
Type: 300Å TiN on 2.8µm AlCu
In Bondpads, TiN has been removed.
BACKSIDE FINISH
Silicon
PROCESS
P6SOI
Assembly Related Information
SUBSTRATE POTENTIAL
Floating
Additional Information
WORST CASE CURRENT DENSITY
1.6 x 105A/cm2
TRANSISTOR COUNT
4055
Weight of Packaged Device
0.31 grams
Lid Characteristics
Finish: Gold
Potential: Grounded, tied to package pin 2
Metalization Mask Layout
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
R
VCC_VREF
VCC
GND_ESD
GND
NC
D
VREF
NC
CANL
CANH
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com