Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027SEHX/SAMPLE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL72027SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027SEHX/SAMPLE Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL72027SEHX/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL72027SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL72027SEH
FN8763 Rev 3.00
Page 5 of 19
August 16, 2016
Absolute Maximum Ratings
Thermal Information
VCC to GND with/without Ion Beam. . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
CANH, CANL, VREF Under Ion Beam . . . . . . . . . . . . . . . . . . . . . . . . . . . ±18V
CANH, CANL, VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20V
I/O Voltages
D, R, RS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Receiver Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10mA to 10mA
Output Short-circuit Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating:
Human Body Model (Tested per MIL-PRF-883 3015.7)
CANH, CANL Bus Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . . . 750V
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . . . 200V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld FP Package (Notes 3, 4) Direct Attach .
39
7
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+175°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
VCC Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3V to 3.6V
Voltage on CAN I/O. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to 12V
VIH D Logic Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 5.5V
VIL D Logic Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 0.8V
IOH Driver (CANH - CANL = 1.5V, VCC = 3.3V) . . . . . . . . . . . . . . . . . . - 40mA
IOH Receiver (VOH = 2.4V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -4mA
IOL Driver (CANH - CANL = 1.5V, VCC = 3.3V) . . . . . . . . . . . . . . . . . . +40mA
IOL Receiver (VOL = 0.4V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
3.
JA is measured with the component mounted on a high effective thermal conductivity test board (two buried 1oz copper planes) with “direct attach”
features package base mounted to PCB thermal land with a 10 mil gap fill material having a k of 1W/m-K. See Tech Brief TB379.
4. For
JC, the “case temp” location is the center of the package underside.
Electrical Specifications Test Conditions: VCC = 3V to 3.6V; Typicals are at TA = +25°C (Note 7); unless otherwise specified (Note 5).
Boldface limits apply across the operating temperature range, -55°C to +125°C or across a total ionizing dose of 75krad(Si) at +25°C with exposure at
a low dose rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6)UNIT
DRIVER ELECTRICAL CHARACTERISTICS
Dominant Bus Output Voltage
VO(DOM)
D = 0V, CANH, RS = 0V,
Figures 10 and 11
3V
 VCC  3.6V
Full
2.25
2.85
VCC
V
D = 0V, CANL, RS = 0V,
Figures 10 and 11
Full
0.10
0.65
1.25
V
Recessive Bus Output Voltage
VO(REC)
D = 3V, CANH, RS = 0V, 60Ω
and no load, Figures 10 and
11
3V
 VCC  3.6V
Full
1.80
2.30
2.70
V
D = 3V, CANL, RS = 0V, 60Ω
and no load, Figures 10 and
11
Full
1.80
2.30
2.80
V
Dominant Output Differential
Voltage
VOD(DOM)
D = 0V, RS = 0V, 3V
VCC  3.6V, Figures 10 and 11 Full
1.5
2.2
3.0
V
D = 0V, RS = 0V, 3V
VCC  3.6V, Figures 11 and 12 Full
1.2
2.1
3.0
V
Recessive Output Differential
Voltage
VOD(REC)
D = 3V, RS = 0V, 3V
 VCC  3.6V, Figures 10 and 11 Full
-120
0.2
12
mV
D = 3V, RS = 0V, 3.0V
VCC  3.6V, no load
Full
-500
-34
50
mV
Logic Input High Voltage (D)
VIH
3V
VCC  3.6V, Note 8
Full
2.0
-
5.5
V
Logic Input Low Voltage (D)
VIL
3V
 VCC  3.6V, Note 8
Full
0
-
0.8
V
High Level Input Current (D)
IIH
D = 2V, 3V
 VCC  3.6V
Full
-30
-3
30
µA
Low Level Input Current (D)
IIL
D = 0.8V, 3V
 VCC  3.6V
Full
-30
-7
30
µA
RS Input Voltage for Listen
Mode
VIN(RS)
3V
 VCC  3.6V
Full
0.75xVCC
1.90
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com