Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISLA112P25MREP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISLA112P25MREP
Description  Low Power 12-Bit, 250MSPS ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISLA112P25MREP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISLA112P25MREP Datasheet HTML 9Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 10Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 11Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 12Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 13Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 14Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 15Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 16Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ISLA112P25M
FN7646 Rev 1.00
Page 13 of 29
November 17, 2011
FIGURE 15. SINGLE-TONE SPECTRUM @ 105MHz
FIGURE 16. SINGLE-TONE SPECTRUM @ 190MHz
FIGURE 17. SINGLE-TONE SPECTRUM @ 495MHz
FIGURE 18. SINGLE-TONE SPECTRUM @ 995MHz
FIGURE 19. TWO-TONE SPECTRUM @ 70MHz
FIGURE 20. TWO-TONE SPECTRUM @ 170MHz
Typical Performance Curves All Typical Performance Characteristics apply under the following
conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS, fIN = 105MHz, fSAMPLE = Maximum
Conversion Rate (per speed grade). (Continued)
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.0dBFS
SNR = 66.0dBFS
SFDR = 86.5dBc
SINAD = 65.9dBFS
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
AIN = -1.0dBFS
SNR = 65.7dBFS
SFDR = 79.2dBc
SINAD = 65.4dBFS
FREQUENCY (MHz)
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.0dBFS
SNR = 64.4dBFS
SFDR = 68.8dBc
SINAD = 62.6dBFS
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.0dBFS
SNR = 61.6dBFS
SFDR = 49.8dBc
SINAD = 49.8dBFS
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
IMD = -85.7dBFS
FREQUENCY (MHz)
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
IMD = -97.1dBFS
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com