Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISLA112P25MREP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISLA112P25MREP
Description  Low Power 12-Bit, 250MSPS ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISLA112P25MREP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISLA112P25MREP Datasheet HTML 16Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 17Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 18Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 19Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 20Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 21Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 22Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 23Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ISLA112P25M
FN7646 Rev 1.00
Page 20 of 29
November 17, 2011
Serial Peripheral Interface
A serial peripheral interface (SPI) bus is used to
facilitate configuration of the device and to optimize
performance. The SPI bus consists of chip select (CSB),
serial clock (SCLK) serial data output (SDO), and serial
data input/output (SDIO). The maximum SCLK rate is
equal to the ADC sample rate (fSAMPLE) divided by 16
for write operations and fSAMPLE divided by 66 for
reads. At fSAMPLE = 250MHz, maximum SCLK is
15.63MHz for writing and 3.79MHz for read operations.
There is no minimum SCLK rate.
The following sections describe various registers that
are used to configure the SPI or adjust performance or
functional parameters. Many registers in the available
address space (0x00 to 0xFF) are not defined in this
document. Additionally, within a defined register there
may be certain bits or bit combinations that are
reserved. Undefined registers and undefined values
within defined registers are reserved and should not be
selected. Setting any reserved register or value may
produce indeterminate results.
SPI Physical Interface
The serial clock pin (SCLK) provides synchronization for
the data transfer. By default, all data is presented on the
serial data input/output (SDIO) pin in three-wire mode.
The state of the SDIO pin is set automatically in the
communication protocol (described below). A dedicated
serial data output pin (SDO) can be activated by setting
0x00[7] high to allow operation in four-wire mode.
The SPI port operates in a half duplex master/slave
configuration, with the ISLA112P25MREP functioning as a
slave. Multiple slave devices can interface to a single
master in three-wire mode only, since the SDO output of
an unaddressed device is asserted in four-wire mode.
The chip-select bar (CSB) pin determines when a slave
device is being addressed. Multiple slave devices can be
written to concurrently, but only one slave device can be
FIGURE 36. SPI READ
(3 WIRE MODE)
(4 WIRE MODE)
R/W
W1
W0
A12
A11
A10
A9
A2
A1
D7
D6
D3
D2
D1
D7
D3
D2
D1 D0
A0
WRITING A READ COMMAND
READING DATA
D0
tH
tDHR
tDVR
SPI READ
tHI
tCLK
tLO
tDHW
tDSW
tS
CSB
SCLK
SDIO
SDO
FIGURE 37. 2-BYTE TRANSFER
CSB
SCLK
SDIO
INSTRUCTION/ADDRESS
DATA WORD 1
DATA WORD 2
CSB STALLING
FIGURE 38. N-BYTE TRANSFER
CSB
SCLK
SDIO
INSTRUCTION/ADDRESS
DATA WORD 1
DATA WORD N
LAST LEGAL
CSB STALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com