Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISLA112P25MREP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISLA112P25MREP
Description  Low Power 12-Bit, 250MSPS ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISLA112P25MREP Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISLA112P25MREP Datasheet HTML 1Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 2Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 3Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 4Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 5Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 6Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 7Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 8Page - Renesas Technology Corp ISLA112P25MREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ISLA112P25M
FN7646 Rev 1.00
Page 2 of 29
November 17, 2011
Pin Configuration
ISLA112P25MREP
(72 LD QFN)
TOP VIEW
Pin Descriptions
PIN
NUMBER
LVDS [LVCMOS]
NAME
LVDS [LVCMOS] FUNCTION
SDR MODE
DDR MODE
COMMENTS
1, 6, 12, 19,
24, 71
AVDD
1.8V Analog Supply
2, 3, 4, 5, 13,
14, 17, 18, 28,
29, 30, 31
DNC
Do Not Connect
7, 8, 11, 72
AVSS
Analog Ground
9, 10
VINN, VINP
Analog Input Negative, Positive
15
VCM
Common Mode Output
16
CLKDIV
Tri-Level Clock Divider Control
72 71 70 69 68 67 66 65 64 63 62 61 60 59
D8P
D8N
D7P
D7N
D6P
D6N
CLKOUTP
CLKOUTN
RLVDS
OVSS
D5P
D5N
D4P
D4N
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
AVDD
DNC
DNC
DNC
DNC
AVDD
AVSS
AVSS
VINN
VINP
AVSS
AVDD
DNC
DNC
19 20 21 22 23 24 25 26 27 28 29 30 31 32
15
16
17
18
VCM
CLKDIV
DNC
DNC
33 34 35 36
D3P
D3N
D2P
D2N
40
39
38
37
58 57 56 55
Connect Thermal Pad to AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com